Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80P10NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP80P10NF
Description  -100V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80P10NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP80P10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP80P10NF
-100V P-Channel Enhancement Mode MOSFET
AP80P10NF RVE1.0
永源微電子科技有限公司
P-Channel Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250μA
-100
110
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=-100V, VGS=0V,
-
-
-1.0
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS= ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250μA
-1.0
-1.6
-2.5
V
RDS(on)
Static Drain-Source on-Resistance
VGS=-10V, ID=-20A
-
18
25
mΩ
VGS=-4.5V, ID=-10A
-
21
30
Ciss
Input Capacitance
VDS=-50V, VGS=0V,
f=1.0MHz
-
4230
-
pF
Coss
Output Capacitance
-
388
-
pF
Crss
Reverse Transfer Capacitance
-
26
-
pF
Qg
Total Gate Charge
VDS=-50V, ID=-5A,
VGS=-10V
-
80
-
nC
Qgs
Gate-Source Charge
-
15.6
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
17.2
-
nC
td(on)
Turn-on Delay Time
VDD=-50V, ID=-5A,
RG=6Ω, VGS=-10V
-
26
-
ns
tr
Turn-on Rise Time
-
78
-
ns
td(off)
Turn-off Delay Time
-
200
-
ns
tf
Turn-off Fall Time
-
210
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-80
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-280
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, IS=-30A
-
-
-1.2
V
trr
Body Diode Reverse Recovery Time
TJ=25
℃,
IF=-5A,dI/dt=100A/μs
-
208
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
560
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is V DD =-72V,VGS =-10V,L=0.1mH,IAS =-50A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com