Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT64 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BAT64
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT64 Datasheet(HTML) 2 Page - Continental Device India Limited

  BAT64 Datasheet HTML 1Page - Continental Device India Limited BAT64 Datasheet HTML 2Page - Continental Device India Limited BAT64 Datasheet HTML 3Page - Continental Device India Limited BAT64 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR SCHOTTKY DIODES
BAT64,
BAT64-04
BAT64-05, BAT64-06
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise) (per diode)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Reverse Breakdown Voltage
V(BR)
I(BR)=10µA
40
V
Reverse Current
IR
VR=30V
µA
VR=30, Ta=85ºC
µA
Forward Voltage
VF
IF=1mA
0.25
V
IF=10mA
0.31
V
IF=30mA
0.37
V
IF=100mA
0.50
V
Diode Capacitance
CT
VR=1V, f=1MHz
pF
Reverse Recovery Time
trr
IF=10mA, IR=10mA,
measured IR=1mA,
RL=100Ω
ns
BAT64_06REV081105E
2
200
5.00
0.75
7.00
MAX
0.32
0.52
0.43
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com