Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT64 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT64
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT64 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT64 Datasheet HTML 1Page - Continental Device India Limited BAT64 Datasheet HTML 2Page - Continental Device India Limited BAT64 Datasheet HTML 3Page - Continental Device India Limited BAT64 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR SCHOTTKY DIODES
BAT64,
BAT64-04
BAT64-05, BAT64-06
SOT-23
Formed SMD Package
BAT64
BAT64-04
3
3
1
2
1
2
BAT64-05
BAT64-06
3
3
1
2
1
2
MARKING
BAT64=63
BAT64-04=64
BAT64-05=65
BAT64-06=66
For Low-Loss, Fast Recovery, Meter Protection, Bias Isolation and Clamping Application
ABSOLUTE MAXIMUM RATINGS at Ta=25ºC (per diode)
DESCRIPTION
SYMBOL
UNIT
Reverse Voltage
VR
V
Forward Current
IF
mA
Surge Forward Current t=10ms
IFSM
mA
Average Forward Current (50/60Hz, sinus)
IF(AV)
mA
Power Dissipation
PD
BAT64 Ts < 86ºC
mW
BAT64-04, BAT64-06 Ts < 61ºC
mW
BAT64-05 Ts < 36ºC
mW
Storage Temperature Range
Tstg
oC
Junction Temperature
Tj
oC
THERMAL RESISTANCE
Junction to Soldering Point
*Rth (j-s)
BAT64
K/W
BAT64-04, BAT64-06
K/W
BAT64-05
K/W
*Rth (j-s) For calculation of Rth(j-a) please refer to Application Note Thermal Resistance
BAT64_06REV081105E
255
VALUE
40
250
800
355
455
120
- 55 to +150
250
250
250
150
Pin Configuration
1 =
2 =
3 =
ANODE
ANODE
CATHODE
3
2
Pin Configuration
1 =
2 =
3 =
CATHODE
CATHODE
ANODE
3
2
3
Pin Configuration
1 = ANODE
2 =
3 =
CATHODE
CATHODE
ANODE/
2
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
2
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAT64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64 Datasheet
491Kb / 7P
Silicon Schottky Diodes
Mar-10-2004
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
BAT64 INFINEON-BAT64 Datasheet
219Kb / 12P
For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
More results

Similar Description - BAT64

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
BAT43 RECTRON-BAT43 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
logo
Continental Device Indi...
BAT54A CDIL-BAT54A Datasheet
141Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
BAT54 CDIL-BAT54 Datasheet
133Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
BAT42W CDIL-BAT42W Datasheet
300Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
BAT42 CDIL-BAT42 Datasheet
91Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
NOVEMBER 1998
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com