Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N02D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N02D
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N02D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N02D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N02D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N02D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N02D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N02D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N02D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N02D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP100N02D
20V N-Channel Enhancement Mode MOSFET
AP100N02D REV1.0
永源微電子科技有限公司
Description
The AP100N02D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 20V ID =100A
RDS(ON) < 3.5mΩ@ VGS=4.5V (Type:2.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N02D
TO252-3L
AP100N02D XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
100
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
59
A
IDM
Pulsed Drain Current note1
360
A
EAS
Single Pulsed Avalanche Energy note2
110
mJ
PD
Power Dissipation
81
W
RθJA
Thermal Resistance Junction-Ambient 1
62
℃/W
RθJC
Thermal Resistance, Junction to Case
1.85
℃/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃


Similar Part No. - AP100N02D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N03AD APME-AP100N03AD Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP100N03BD APME-AP100N03BD Datasheet
849Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.1
AP100N03CD APME-AP100N03CD Datasheet
945Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N03D APME-AP100N03D Datasheet
759Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV4.2
AP100N03LD APME-AP100N03LD Datasheet
721Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100N02D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com