Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S06A33 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST2S06A33
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST2S06A33 Datasheet HTML 7Page - STMicroelectronics ST2S06A33 Datasheet HTML 8Page - STMicroelectronics ST2S06A33 Datasheet HTML 9Page - STMicroelectronics ST2S06A33 Datasheet HTML 10Page - STMicroelectronics ST2S06A33 Datasheet HTML 11Page - STMicroelectronics ST2S06A33 Datasheet HTML 12Page - STMicroelectronics ST2S06A33 Datasheet HTML 13Page - STMicroelectronics ST2S06A33 Datasheet HTML 14Page - STMicroelectronics ST2S06A33 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ST2S06A33 - ST2S06B - ST2S06D33
Typical performance characteristics
11/21
Figure 9.
Switching frequency vs.
temperature (ST2S06B)
Figure 10.
Inhibit threshold vs. temperature
(ST2S06B)
Figure 11.
Switching current limitation vs.
input voltage (ST2S06A)
Figure 12.
PMOS switch on resistance vs.
temperature
Figure 13.
NMOS switch on resistance vs.
temperature
Figure 14.
Delay time vs. temperature
(ST2S06A)
VI Rising from 0V to 5V, Delay from VRES threshold and
reset pin below 0V.
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
Temperature [°C]
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
I=5V, IO1=IO2=100mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
T [C°]
ON
OFF
V
I=5V, IO1=IO2=100mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
T [C°]
ON
OFF
V
I from 2.5V to 5.5V, Output2 Maximum load Current
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
VI [V]
V
I from 2.5V to 5.5V, Output2 Maximum load Current
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
VI [V]
V
CC=5V, ISW=250mA
100
120
140
160
180
200
220
240
-50
-25
0
25
50
75
100
125
T [°C]
V
CC=5V, ISW=250mA
100
120
140
160
180
200
220
240
-50
-25
0
25
50
75
100
125
T [°C]
V
CC=5V, ISW=250mA
50
70
90
110
130
150
170
-50
-25
0
25
50
75
100
125
T [°C]
V
CC=5V, ISW=250mA
50
70
90
110
130
150
170
-50
-25
0
25
50
75
100
125
T [°C]
V
I
V
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com