Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S06A33 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST2S06A33
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST2S06A33 Datasheet HTML 11Page - STMicroelectronics ST2S06A33 Datasheet HTML 12Page - STMicroelectronics ST2S06A33 Datasheet HTML 13Page - STMicroelectronics ST2S06A33 Datasheet HTML 14Page - STMicroelectronics ST2S06A33 Datasheet HTML 15Page - STMicroelectronics ST2S06A33 Datasheet HTML 16Page - STMicroelectronics ST2S06A33 Datasheet HTML 17Page - STMicroelectronics ST2S06A33 Datasheet HTML 18Page - STMicroelectronics ST2S06A33 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
ST2S06A33 - ST2S06B - ST2S06D33
Application information
15/21
7
Application information
The ST2S06 represents a series of dual adjustable current mode PWM step-down DC-DC
converters with an internal 0.5 A power switch, packaged in a QFN12L (4x4 mm).
It is a complete 0.5 A switching regulator with internal compensation that eliminates the
need for additional components.
The constant frequency, current mode, PWM architecture and stable operation with ceramic
capacitors results in low, predictable output ripple.
To clamp the error amplifier reference voltage a Soft Start control block generating a voltage
ramp has been implemented. Other circuits fitted to the device protection are the Thermal
Shut-down block, which turns off the regulator when the junction temperature exceeds 150
°C (typ.), and the cycle-by-cycle current limiting that provides protection against shorted
outputs.
Because the ST2S06 is an adjustable regulator, the output voltage is determined by an
external resistor divider. The desired value is given by the following equation:
VO = VFB [1+R1/R2]
Operation of the device requires few components: 2 inductors, 3 capacitors and a resistor
divider. The chosen inductor must be capable of not saturating at the peak current level. Its
value should be selected keeping in mind that a large inductor value increases the efficiency
at low output current and reduces output voltage ripple, while a smaller inductor can be
chosen when it is important to reduce package size and total application cost. Finally, the
ST2S06 has been designed to work properly with X5R or X7R SMD ceramic capacitors both
at the input and at the output. These types of capacitors, due to their very low series
resistance (ESR), minimize the output voltage ripple. Other low ESR capacitors can be used
according to the need of the application without compromising the correct functionality of the
device. Due to the high switching frequency and peak current, it is important to optimize the
application environment by reducing the length of the PCB traces and placing all the
external components near the device.
Figure 25.
Reset function
V
TL
V
TH
V
IN
Reset
t
DEL
V
TL
V
TH
V
IN
Reset
t
DEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com