Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N08CMP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP100N08CMP
Description  80V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N08CMP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP100N08CMP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP100N08CMP
80V N-Channel Enhancement Mode MOSFET
AP100N08CMP REV1.1
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
80
-
-
V
VGS(TH)
Gate Threshold Voltage
VDS= VGS, ID= 1mA
1.2
1.7
2.0
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 4V; ID=30A
-
13
15
mΩ
VGS= 10V; ID=30A
-
-
11
mΩ
IGSS
Gate Source Leakage Current
VGS= ±20V; VDS= 0
-
-
±10
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 80V, VGS= 0V, TJ= 25ºC
-
-
100
μA
Ciss
Input Capacitance
VGS = 0V, VDS = 25V, f =
1.0MHz
-
3795
-
pF
Coss
Output Capacitance
-
1456
-
Crss
Reverse Transfer Capacitance
-
1101
-
RG
Gate resistance
f = 1.0MHz open drain
-
0.75
-
Ω
Qg
Total Gate Charge
VDD = 64V,
ID = 100A,
VGS =10V
-
338
-
nC
Qgs
Gate-Source Charge
-
12
-
Qgd
Gate-Drain Charge
-
175
-
td(on)
Turn-on Delay Time
VDD = 40V,
ID = 100A,
RG = 25Ω
-
45
-
ns
tr
Turn-on Rise Time
-
178
-
td(off)
Turn-off Delay Time
-
1062
-
tf
Turn-off Fall Time
-
830
-
ISD
Continuous Source Current
TC = 25 ºC
-
-
100
A
ISM
Pulsed Source Current
-
-
400
VSD
Diode Forward Voltage
IS=60A; VGS=0V
-
-
1.7
V
trr
Reverse Recovery Time
VDD = 40V,IF = 30A, diF/dt
=100A /μs
-
210
-
ns
Qrr
Reverse Recovery Charge
-
1.5
-
uC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us
duty cycle ≦ 2%, duty cycle ition is VDD
=25VGS=10V,L=0.4mH,IAS=60A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com