Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N08CMP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N08CMP
Description  80V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N08CMP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N08CMP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N08CMP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP100N08CMP
80V N-Channel Enhancement Mode MOSFET
AP100N08CMP REV1.1
永源微電子科技有限公司
Description
The AP100N08CMP is silicon N-channel Enhanced
VDMOSFET, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 80V ID =100A
RDS(ON) < 15mΩ @ VGS=10V (Type:13mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N08CMP
TO-247-3L
AP100N08CMP XXX YYYY
1980
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
100
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
70
A
IDM
Pulsed Drain Current
480
A
EAS
Single Pulse Avalanche Energy
1054
mJ
IAS
Avalanche Current
60
A
PD@TC=25℃
Total Power Dissipation4
300
W
TSTG
Storage Temperature Range
-55 to 175
℃
TJ
Operating Junction Temperature Range
-55 to 175
℃
RθJA
Thermal Resistance Junction-Ambient
0.50
℃
/W
RθJC
Thermal Resistance Junction-Case
40
℃
/W


Similar Part No. - AP100N08CMP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N08D APME-AP100N08D Datasheet
1Mb / 6P
80V N-Channel Enhancement Mode MOSFET
AP100N08NF APME-AP100N08NF Datasheet
1Mb / 7P
85V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N08P APME-AP100N08P Datasheet
834Kb / 8P
85V N-Channel Enhancement Mode MOSFET
AP100N08PT APME-AP100N08PT Datasheet
834Kb / 8P
85V N-Channel Enhancement Mode MOSFET
AP100N08T APME-AP100N08T Datasheet
834Kb / 8P
85V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP100N08CMP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com