Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S06D33PQR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2S06D33PQR
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06D33PQR Datasheet(HTML) 5 Page - STMicroelectronics

  ST2S06D33PQR Datasheet HTML 1Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 2Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 3Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 4Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 5Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 6Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 7Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 8Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ST2S06A33 - ST2S06B - ST2S06D33
Maximum ratings
5/21
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_SW
Positive power supply voltage
-0.3 to 7
V
VIN_A
Positive power supply voltage
-0.3 to 7
V
VINH
Inhibit voltage
-0.3 to 7
V
SWITCH voltage
Max. voltage of output pin
-0.3 to 7
V
VFB1,2/VO1
Feedback voltage/output voltage
-0.3 to 2.5
V
VO1
Output voltage (for VO > 1.6 V)
-0.3 to 5
V
Current into VFB
pin
Common mode input voltage
+1 to -1
mA
TJ
Max junction temperature
150
°C
TSTG
Storage temperature range
-65 to +150
°C
TLEAD
Lead temperature (soldering) 10 sec.
300
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
10
°C/W
RthJA
Thermal resistance junction-ambient
60
°C/W
Table 5.
ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM-DH11C
4
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com