Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S06D33PQR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2S06D33PQR
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06D33PQR Datasheet(HTML) 1 Page - STMicroelectronics

  ST2S06D33PQR Datasheet HTML 1Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 2Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 3Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 4Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 5Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 6Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 7Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 8Page - STMicroelectronics ST2S06D33PQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
March 2008
Rev 3
1/21
21
ST2S06A33
ST2S06B - ST2S06D33
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz
adjustable step-down switching regulator
Features
■ Step-down current mode PWM (1.5 MHz)
DC-DC converter
■ Fixed or adjustable output voltage from 0.8 V
■ 2% DC output voltage tolerance
■ Synchronous rectification
■ Reset function for A and D versions
■ Inhibit function for B version
■ Internal soft start for start-up current limitation
and power ON delay of 50-100 µs
■ Typical efficiency: > 90%
■ 0.5 A output current capability
■ Non-switching quiescent current: max 1 mA
over temperature range
■ RDS(ON) 150 mΩ (typ.)
■ Uses tiny capacitors and inductors
■ Available in QFN12L (4x4 mm)
Description
The ST2S06 is a dual step-down DC-DC
converter optimized for powering low-voltage
digital cores in ODD applications and, generally,
to replace the high current linear solution when
the power dissipation may cause a high heating of
the application environment. It provides up to 0.5
A over an input voltage range of 2.5 V to 5.5 V.
A high switching frequency of 1.5 MHz allows the
use of tiny surface-mount components as well as
a resistor divider to set the output voltage value.
Only an inductor and two capacitors are required.
A low output ripple is guaranteed by the current
mode PWM topology and the utilization of low
ESR SMD ceramic capacitors. The device is
thermally protected and current limited to prevent
damage due to accidental short circuit. The
ST2S06 series is available in the QFN12L (4x4
mm) package.
QFN12L (4x4 mm)
Table 1.
Device summary
Order code
Package
Packaging
ST2S06APQR(1)
QFN12L (4x4 mm)
Tape and reel
ST2S06A33PQR
QFN12L (4x4 mm)
Tape and reel
ST2S06D33PQR
QFN12L (4x4 mm)
Tape and reel
ST2S06BPQR
QFN12L (4x4 mm)
Tape and reel
1.
Available on request.
www.st.com


Similar Part No. - ST2S06D33PQR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
Synchronous rectification
22-May-2013
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST2S06A33PQR STMICROELECTRONICS-ST2S06A33PQR Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST2S06B STMICROELECTRONICS-ST2S06B Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
More results

Similar Description - ST2S06D33PQR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
03-Apr-2007
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
05-Jul-2007
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
29-May-2007
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
03-Jun-2008
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
19-Apr-2010
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
09-Sep-2010
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com