Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP90P01D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP90P01D
Description  12V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90P01D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP90P01D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP90P01D
12V P-Channel Enhancement Mode MOSFET
AP90P01D RVE1.0
永源微电子科技有限公司
Description
The AP90P01D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS=12V ID =90A
RDS(ON) < 4.5mΩ @ VGS=4.5V
(Type:3.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP90P01D
TO-252-3L
AP90P01D XXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-12
V
VGS
Gate-Source Voltage
±12
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
-90
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
-54
A
IDM
Drain Current – Pulsed1
-240
A
IAS
Avalanche Current
50
A
EAS
Single Pulsed Avalanche Energy
560
mJ
TJ, TSTG
Operating and Storage Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction to ambient
62.5
℃/W
RθJC
Thermal Resistance Junction to Case
3
℃/W


Similar Part No. - AP90P01D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP90P03D APME-AP90P03D Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
AP90P03NF APME-AP90P03NF Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP90P01D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 12
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com