Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP90P01D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP90P01D
Description  12V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90P01D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP90P01D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90P01D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP90P01D
12V P-Channel Enhancement Mode MOSFET
AP90P01D RVE1.0
永源微电子科技有限公司
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-12
-18
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.008
---
V/
℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=-4.5V , ID=-20A
---
3.5
4.5
mΩ
VGS=-2.5V , ID=-20A
---
4.8
6.0
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-0.4
-0.6
-1.0
V
△VGS
VGS(th) Temperature Coefficient
---
-3.44
---
mV/
℃
IDSS
Drain-Source Leakage Current
VDS=-20V , VGS=0V , TJ=25
℃
---
---
-1
uA
VDS=-16V ,VGS=0V ,TJ=125
℃
---
---
-30
uA
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±500
nA
gfs
Forward Transconductance
VDS=-10V , IS=-3A
---
30
---
S
Qg
Total Gate Charge
VDS=-16V , VGS=-4.5V , ID=-
5A
---
149
225
nC
Qgs
Gate-Source Charge
---
14.4
22
Qgd
Gate-Drain Charge
---
42.8
65
Td(on)
Turn-On Delay Time
VDD=-15V , VGS=-4.5V ,
RG=25
ID=-1A
---
21.2
42
nS
Tr
Rise Time
---
20.6
40
Td(off)
Turn-Off Delay Time
---
26
52
Tf
Fall Time
---
400
600
Ciss
Input Capacitance
VDS=-15V , VGS=0V , F=1MHz
---
6800
pF
Coss
Output Capacitance
---
769
Crss
Reverse Transfer Capacitance
---
726
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
2.6
---
Ω
IS
Contineous Source Current
Vg=Vd=0V, Force Current
--
--
-90
A
ISM
Pulsed Source Current
--
--
-180
VSD
Diode Forward Voltage
Vgs=0V Is=1A Tj=25
℃
--
--
-1
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=8V,VGS=4.5V,L=0.1mH,IAS =50A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com