Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL051ACD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL051ACD
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051ACD Datasheet(HTML) 4 Page - STMicroelectronics

  TL051ACD Datasheet HTML 1Page - STMicroelectronics TL051ACD Datasheet HTML 2Page - STMicroelectronics TL051ACD Datasheet HTML 3Page - STMicroelectronics TL051ACD Datasheet HTML 4Page - STMicroelectronics TL051ACD Datasheet HTML 5Page - STMicroelectronics TL051ACD Datasheet HTML 6Page - STMicroelectronics TL051ACD Datasheet HTML 7Page - STMicroelectronics TL051ACD Datasheet HTML 8Page - STMicroelectronics TL051ACD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC+ (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC– (see Note 1)
–18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage (see Note 2)
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input, see Notes 1 and 3)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II (each input)
±1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (each output)
±80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current into VCC+
160 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current out of VCC–
160 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 4 and 5): D package (8 pin)
97
°C/W
. . . . . . . . . . . . . . . . . . . . . .
D package (14 pin)
86
°C/W
. . . . . . . . . . . . . . . . . . . . .
DB package (14 pin)
96
°C/W
. . . . . . . . . . . . . . . . . . .
N package (14 pin)
80
°C/W
. . . . . . . . . . . . . . . . . . . . .
NS package (14 pin)
76
°C/W
. . . . . . . . . . . . . . . . . . .
P package (8 pin)
85
°C/W
. . . . . . . . . . . . . . . . . . . . . .
PS package (8 pin)
95
°C/W
. . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–.
2. Differential voltages are at IN+ with respect to IN–.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
C SUFFIX
I SUFFIX
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
±
Supply voltage
±5
±15
±5
±15
V
VIC
Common mode input voltage
VCC
± = ±5 V
–1
4
–1
4
V
VIC
Common-mode input voltage
VCC
± = ±15 V
–11
11
–11
11
V
TA
Operating free-air temperature
0
70
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com