Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL051ACD Datasheet(PDF) 44 Page - STMicroelectronics

Part # TL051ACD
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051ACD Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TL051ACD Datasheet HTML 40Page - STMicroelectronics TL051ACD Datasheet HTML 41Page - STMicroelectronics TL051ACD Datasheet HTML 42Page - STMicroelectronics TL051ACD Datasheet HTML 43Page - STMicroelectronics TL051ACD Datasheet HTML 44Page - STMicroelectronics TL051ACD Datasheet HTML 45Page - STMicroelectronics TL051ACD Datasheet HTML 46Page - STMicroelectronics TL051ACD Datasheet HTML 47Page - STMicroelectronics TL051ACD Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
high input impedance log amplifier
The low input offset voltage and high input impedance of the TL05xA creates a precision log amplifier (see
Figure 87). IC1 is a 2.5-V, low-current precision, shunt regulator. Transistors Q1 and Q2 must be a closely
matched npn pair. For best performance over temperature, R4 should be a metal-film resistor with a low
temperature coefficient.
In this circuit, U1A serves as a high-impedance unity-gain buffer. Amplifier U1B converts the input voltage to
a current through R1 and Q1. Amplifier U1C, IC1, and R4 form a 1-
µA temperature-stable current source that
sets the base-emitter voltage of Q2. U1D amplifies the difference between the base-emitter voltage of Q1 and
Q2 (see Figure 88). The output voltage is given by the following equation:
V
O +
– 1
) R6
R5
kT
q
In
V
I
R1
1
10–6
where k
+ 1.38
10–23,q
+ 1.602
10–19,
and T is Kelvin temperature
_
+
_
+
U1A
_
+
U1B
_
+
U1C
U1D
VI
R1
10 k
Ω
Q1
Q2
2N2484
R2
15 V
10 k
Ω
2.5 M
Ω
R4
150 pF
C1
IC1
270 k
Ω
R3
–15V
R5
10 k
Ω
R6
10 k
Ω
VO
(see equation above)
NOTE A: U1A through U1D = TL05xA. IC1 = LM385, LT1004, or LT1009 voltage reference
Figure 87. Log Amplifier
0
1
2345
6
f – Frequency – Hz
78
9
10
–0.4
–0.35
–0.3
–0.25
–0.2
–0.15
–0.1
Figure 88. Output Voltage vs Input Voltage for Log Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com