Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF72 Datasheet(PDF) 2 Page - Wayon Electronics Co.,Ltd.

Part # MF72
Description  NTC THERMISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAYON [Wayon Electronics Co.,Ltd.]
Direct Link  https://www.way-on.com/en_index.html
Logo WAYON - Wayon Electronics Co.,Ltd.

MF72 Datasheet(HTML) 2 Page - Wayon Electronics Co.,Ltd.

  MF72 Datasheet HTML 1Page - Wayon Electronics Co.,Ltd. MF72 Datasheet HTML 2Page - Wayon Electronics Co.,Ltd. MF72 Datasheet HTML 3Page - Wayon Electronics Co.,Ltd. MF72 Datasheet HTML 4Page - Wayon Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
Electrical Specifications
Type
Zero Power
Resistance
(Ω)±20%
Imax(A)
Approx.
R of
Max.
Current
(Ω)
Thermal
Dissipation
Constant(mW/℃)
Thermal
Time
constant
τ(s)
Operation
Temperature(℃)
MF72-5D5
5
1
0.353
6
20
MF72-10D5
10
0.7
0.771
6
20
MF72-60D5
60
0.5
1.878
6
18
MF72-200D5
200
0.1
6.259
6
18
MF72-5D7
5
2
0.283
10
30
MF72-8D7
8
1
0.539
9
28
MF72-10D7
10
1
0.616
9
27
MF72-12D7
12
1
0.816
9
27
MF72-16D7
16
0.7
1.003
9
27
MF72-22D7
22
0.6
1.108
9
27
MF72-33D7
33
0.5
1.485
10
28
MF72-200D7
200
0.2
6.233
11
28
MF72-3D9
3
4
0.12
11
35
MF72-4D9
4
3
0.19
11
35
MF72-5D9
5
3
0.21
11
34
MF72-6D9
6
2
0.315
11
34
MF72-8D9
8
2
0.4
11
32
MF72-10D9
10
2
0.458
11
32
MF72-12D9
12
1
0.652
11
32
MF72-16D9
16
1
0.802
11
31
MF72-20D9
20
1
0.864
11
30
MF72-22D9
22
1
0.95
11
30
MF72-30D9
30
1
1.022
11
30
MF72-33D9
33
1
1.124
11
30
MF72-50D9
50
1
1.252
11
30
MF72-60D9
60
0.8
1.502
11
30
MF72-80D9
80
0.8
2.01
11
30
MF72-120D9
120
0.8
3.015
11
30
MF72-200D9
200
0.5
5.007
11
32
MF72-400D9
400
0.2
9.852
11
32
MF72-2.5D11
2.5
5
0.095
13
43
MF72-3D11
3
5
0.1
13
43
MF72-4D11
4
4
0.15
13
44
MF72-5D11
5
4
0.156
13
45
MF72-6D11
6
3
0.24
13
45
MF72-8D11
8
3
0.255
14
47
MF72-10D11
10
3
0.275
14
47
MF72-12D11
12
2
0.462
14
48
MF72-16D11
16
2
0.47
14
50
MF72-20D11
20
2
0.512
15
52
MF72-22D11
22
2
0.563
15
52
MF72-30D11
30
1.5
0.667
15
52
MF72-33D11
33
1.5
0.734
15
52
-55~+200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com