Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF72 Datasheet(PDF) 4 Page - Wayon Electronics Co.,Ltd.

Part # MF72
Description  NTC THERMISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAYON [Wayon Electronics Co.,Ltd.]
Direct Link  https://www.way-on.com/en_index.html
Logo WAYON - Wayon Electronics Co.,Ltd.

MF72 Datasheet(HTML) 4 Page - Wayon Electronics Co.,Ltd.

  MF72 Datasheet HTML 1Page - Wayon Electronics Co.,Ltd. MF72 Datasheet HTML 2Page - Wayon Electronics Co.,Ltd. MF72 Datasheet HTML 3Page - Wayon Electronics Co.,Ltd. MF72 Datasheet HTML 4Page - Wayon Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 / 4
MF72-10D25
10
7
0.13
32
150
MF72-12D25
12
6
0.156
32
150
MF72-16D25
16
6
0.16
35
152
Electrical Characteristics
Characteristics
Test
Methods
Zero Power
Resistance at 25℃
Resistance shall be measured at DC current applied when the self heat generation
does not occur at room ambient (25.0±0.2℃)
B Value
After the resistance at 25℃ and 85℃ respectively are measured, the B Value is
calculated by the following equation:
B=ln(R25/R85)/(1/298.15-1/358.15)
R25= Resistance at 25.0±0.2℃
R85= Resistance at 85.0±0.2℃
Thermal Dissipation
Constant
Equivalent to the required power to rise temperature of the thermistor up to 1℃ in
the air and without cooling of airflow. the unit of the constant is mw/℃
Maximum allowable
steady-state current
Maximum allowable steady-state DC current applied at the specified temperature
without cooling of airflow
Thermal Time
constant
The period of time when the temperature of the specimens is (1-1/e) times the
temperature difference shall be measured when the ambient temperature is
changed.(e:2.71828)
Voltage withstanding
(Between Terminals
and coating)
An AC Voltage of 1000V shall be applied. Between the terminals and the insulating
coating for one minute at room ambient.
Insulation Resistance
(Between Terminals
and coating)
Insulation resistance between terminals and the insulating coating shall be
measured at 1000Vdc with one minute electrification, and at room ambient.
CONTACT INFORMATION
CYG
WAYON CIRCUIT PROTECTION CO., LTD.
No.1001, Shiwan(7) Road, Pudong District, Shanghai, P.R.China.201207
Tel: 8621-68960674 Fax: 8621-50757680-8618 Email: market@way-on.com
WAYON website: http://www.way-on.com
For additional information, please contact your local Sales Representative.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com