Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2005S-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # DF2005S-HF
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF2005S-HF Datasheet(HTML) 3 Page - Comchip Technology

  DF2005S-HF Datasheet HTML 1Page - Comchip Technology DF2005S-HF Datasheet HTML 2Page - Comchip Technology DF2005S-HF Datasheet HTML 3Page - Comchip Technology DF2005S-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Reel Taping Specification
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
D1
D2
D
W1
Comchip Technology CO., LTD.
SMD Glass Passivated Bridge Rectifiers
DFS
SYMBOL
(mm)
(inch)
SYMBOL
(mm)
(inch)
A
B
d
C
D
D2
D1
E
F
P0
P
P1
W
T
W1
8.64 ± 0.10
10.40 ± 0.10
3.30 ± 0.10
329.80 ± 1.00
99.70 ± 1.00
13.10 ± 0.10
1.55 ± 0.10
0.340 ± 0.004 0.409 ± 0.004 0.130 ± 0.004
12.984 ± 0.039 3.925 ± 0.039 0.516 ± 0.004
0.061 ± 0.004
0.504 ± 0.039
0.069 ± 0.004 0.295 ± 0.004 0.472 ± 0.004
0.079 ± 0.004 0.012 ± 0.004 0.630 ± 0.004
0.157 ± 0.004
1.75 ± 0.10
7.50 ± 0.10
12.00 ± 0.10
2.00 ± 0.10
0.30 ± 0.10
16.00 ± 0.10
12.80 ± 1.00
4.00 ± 0.10
DFS
REV:A
Page 3
d
P0
P1
W
E
F
A
P
B
T
C
~
~
+
-
QW-JBR21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com