Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2005S-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # DF2005S-HF
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF2005S-HF Datasheet(HTML) 1 Page - Comchip Technology

  DF2005S-HF Datasheet HTML 1Page - Comchip Technology DF2005S-HF Datasheet HTML 2Page - Comchip Technology DF2005S-HF Datasheet HTML 3Page - Comchip Technology DF2005S-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Glass Passivated Bridge Rectifiers
Comchip Technology CO., LTD.
DF2005S-HF Thru. DF210S-HF
Reverse Voltage: 50 to 1000V
Forward Current: 2.0A
RoHS Device
REV:A
Page 1
QW-JBR21
Halogen Free
Features
- The plastic package carries underwriters
laboratory flammability classification 94V-0.
- Idea for printed circuit board.
- Glass passivated junction chip.
- Low reverse leakage.
- High forward surge current capability.
- High temperature soldering guaranteed
260°C/10 seconds at terminals.
Mechanical Data
- Case: DFS, molded plastic body.
- Terminals: Solder plated, solderable per
MIL-STD-750, method 2026.
- Polarity: Polarity symbol marking on body.
- Mounting position: Any.
Dimensions in inches and (millimeter)
DFS
0.045(1.15)
0.035(0.90)
0.014(0.35)
0.002(0.05)
0.102(2.60)
0.087(2.20)
~
~
0.335(8.50)
0.315(8.00)
0.256(6.50)
0.244(6.20)
0.205(5.20)
0.197(5.00)
0.398(10.10)
0.374(9.50)
0.059(1.50)
0.037(0.95)
0.014(0.35)
0.006(0.15)
Parameter
Symbol
Unit
Maximum RMS voltage
Maximum DC blocking voltage
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
DF2005S
-HF
DF201S
-HF
DF202S
-HF
DF204S
-HF
DF206S
-HF
DF208S
-HF
DF210S
-HF
Maximum average forward rectified current
at TL=100°C
Maximum repetitive peak reverse voltage
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 2A
Rating for fusing (t=8.3ms, Ta=25°C)
Maximum DC reverse current
at rated DC blocking voltage
Operating junction and storage temperature range
Typical thermal resistance
Typical junction capacitance (Note 1)
VRRM
VRMS
VDC
I(AV)
IFSM
I²t
VF
IR
CJ
RθJA
TJ, TSTG
TA=25°C
TA=125°C
2
60
A
A
V
V
V
V
A²s
µA
14.9
1
2
200
25
67
-55 to +150
pF
°C/W
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
Circuit Diagram
+
−


Similar Part No. - DF2005S-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF2005S-G COMCHIP-DF2005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results

Similar Description - DF2005S-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com