Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR3000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR3000
Description  DIN RAIL MOUNTED PRESSURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR3000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
T
T
Tel:
el:
el:
el:
el: 01978 262255
01978 262255
01978 262255
01978 262255
01978 262255
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
ellison sensors international
ellison sensors international
ellison sensors international
ellison sensors international
ellison sensors international
Sensor House, Wrexham Technology Park, Wrexham, LL13 7YP, Wales, U.K.
PR
PR
PR
PR
PRO
O
O
O
OTRAN
TRAN
TRAN
TRAN
TRAN
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
STATE MODEL NUMBER AND PRESSURE RANGE REQUIRED:-
i.e. PR3000 0-10bar
PRESSURE RANGES
PRESSURE RANGES
PRESSURE RANGES
PRESSURE RANGES
PRESSURE RANGES
MODEL NO.
MODEL NO.
MODEL NO.
MODEL NO.
MODEL NO.
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
PR3000
PR3000
PR3000
PR3000
PR3000
Transmitter 0-500 mbar to 0-400
bar
0 - 16 bar
0 - 25 bar
0 - 40 bar
0 - 60 bar
0 - 100 bar
0 - 160 bar
0 - 250 bar
0 - 400 bar
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
LOAD DRIVING CHART
LOAD DRIVING CHART
LOAD DRIVING CHART
LOAD DRIVING CHART
LOAD DRIVING CHART
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
©
-1 - 0 bar Vac
0 - 500 mbar
0 - 1 bar
0 - 1.6 bar
0 - 2.5 bar
0 - 4 bar
0 - 6 bar
0 - 10 bar
INPUT
INPUT
INPUT
INPUT
INPUT
Pressure ranges .................................. 0-500 mbar to 0-400
bar
Pressure reference .............................. Gauge or Absolute
Over pressure ..................................... 2 x Rated pressure
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
Span ..................................................... 4-20 mA
Type ..................................................... 2 wire
ACCURACY
ACCURACY
ACCURACY
ACCURACY
ACCURACY
Zero offset ............................................ <±1% FSO
Span tolerance ..................................... <±1% FSO
Combined non-linearity / hysteresis .... <±0.25% FSO
Repeatability ......................................... <±0.1% FSO
Long term stability ................................ <±0.2% FSO / 6
months
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
Supply voltage ...................................... 13-36Vdc
Supply voltage effects .......................... 3µA/V
Reverse polarity ................................... Protected
Load driving capability .............. 150
Ω @ 36Vdc
Output short circuit (to ground) No damage
Insulation resistance ................ 100M
Ω @ 100Vdc elec conn to case
Response time (63%) .............. 1.5mS
Adjustment ................................ ±10% FSO Zero and Span
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Pressure media ........................ Compatible with alumina +304 S.S
Operating temperature range .. -20 to +85 °C
Storage temperature range ..... -40 to +90°C
Thermal effect Zero ................. <±0.03% FSO/°C
Thermal sensistivity ................. <±0.03% FSO/°C
Vibration tolerance ................... 10g’s to 50Hz
Mechanical shock tolerance .... 15g@s (11mS)
Operating humidity ................... 95% RH
PHYSICAL
PHYSICAL
PHYSICAL
PHYSICAL
PHYSICAL
Pressure connection ................ ¼" BSP female
Electrical connection ................ DIN plug + socket to DIN43650
Mounting ................................... DIN Rail mounting to DIN46277-1
Enclosure rating ....................... IP65
Natural frequency .................... 12 Khz (min)
Weight ....................................... 375 grams
Materials ................................... 300 series stain’stl body/Connector
alumina diaphragm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com