Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR3000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR3000
Description  DIN RAIL MOUNTED PRESSURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR3000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
T
T
T
Tel:
el:
el:
el:
el: 01978 262255
01978 262255
01978 262255
01978 262255
01978 262255
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
PR
PR
PR
PR
PRO
O
O
O
OTRAN
TRAN
TRAN
TRAN
TRAN
©
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PR3000 DIN RAIL MOUNTED
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
PRESSURE TRANSMITTER
HIGH STABILITY CERAMIC SENSOR
HIGH STABILITY CERAMIC SENSOR
HIGH STABILITY CERAMIC SENSOR
HIGH STABILITY CERAMIC SENSOR
HIGH STABILITY CERAMIC SENSOR
SUPPLY VOLTAGE 13 - 36Vdc
SUPPLY VOLTAGE 13 - 36Vdc
SUPPLY VOLTAGE 13 - 36Vdc
SUPPLY VOLTAGE 13 - 36Vdc
SUPPLY VOLTAGE 13 - 36Vdc
4-20mA TWO-WIRE OUTPUT
4-20mA TWO-WIRE OUTPUT
4-20mA TWO-WIRE OUTPUT
4-20mA TWO-WIRE OUTPUT
4-20mA TWO-WIRE OUTPUT
ZERO + SPAN ADJUSTMENT ON-SITE
ZERO + SPAN ADJUSTMENT ON-SITE
ZERO + SPAN ADJUSTMENT ON-SITE
ZERO + SPAN ADJUSTMENT ON-SITE
ZERO + SPAN ADJUSTMENT ON-SITE
RANGES 500mbar to 400bar
RANGES 500mbar to 400bar
RANGES 500mbar to 400bar
RANGES 500mbar to 400bar
RANGES 500mbar to 400bar
DIN RAIL MOUNTABLE DIN 46277-1
DIN RAIL MOUNTABLE DIN 46277-1
DIN RAIL MOUNTABLE DIN 46277-1
DIN RAIL MOUNTABLE DIN 46277-1
DIN RAIL MOUNTABLE DIN 46277-1
PROTECTED TO IP65
PROTECTED TO IP65
PROTECTED TO IP65
PROTECTED TO IP65
PROTECTED TO IP65
INTRINSICALLY SAFE MODELS
INTRINSICALLY SAFE MODELS
INTRINSICALLY SAFE MODELS
INTRINSICALLY SAFE MODELS
INTRINSICALLY SAFE MODELS
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The PR3000 pressure transmitter incorporates the highly stable ceramic thick film pressure diaphragm, with a
unique high performance amplifier to give excellent reliability over a long service life.
DIN Rail or bulkhead mountable, the transmitter is protected to IP65.
Applications include the static and dynamic measurement of liquids or gases for measurement and control
applications. The DIN Rail mounting facility offers ideal use in control panels for pneumatic, hydraulic, H.V.A.C.
or industrial process applications
Electrical connection is DIN plug and socket, access to zero and span adjustment is made by removing top plate
for easy on-site adjustment.
Pressure connection as standard is via a ¼"BSP female connection.
Ranges available from 0-500mbar to 0-400bar.


Similar Part No. - PR3000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
Fuji Electric
PR3001 FUJI-PR3001 Datasheet
727Kb / 1P
3 AMP FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR3001 DIODES-PR3001 Datasheet
368Kb / 3P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
Shenzhen Taychipst Elec...
PR3001 TAYCHIPST-PR3001 Datasheet
4Mb / 2P
FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR3001 CTC-PR3001 Datasheet
61Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - PR3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C25A1P ETC2-C25A1P Datasheet
102Kb / 2P
DIN Rail Mounted Circuit Breakers
TXDIN70 ETC2-TXDIN70 Datasheet
282Kb / 1P
Dual DIN Rail Temperature Transmitter
logo
PAIRUI GROUP INC.
IS-30 PAIRUI-IS-30 Datasheet
751Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120 Datasheet
735Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-240 PAIRUI-IS-240 Datasheet
762Kb / 19P
AC-DC Din Rail Mounted Power Supply
logo
TT Electronics.
DS3016 TTELEC-DS3016 Datasheet
316Kb / 2P
DIN Rail Temperature Transmitter
DS3017 TTELEC-DS3017 Datasheet
305Kb / 2P
HART DIN Rail Temperature Transmitter
logo
PAIRUI GROUP INC.
IS-50 PAIRUI-IS-50_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS-180 PAIRUI-IS-180_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com