Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0094U Datasheet(PDF) 4 Page - OSRAM GmbH

Part # F0094U
Description  GaAs Infrared Light Emitting Diode (950 nm, 12 mil)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F0094U Datasheet(HTML) 4 Page - OSRAM GmbH

  F0094U Datasheet HTML 1Page - OSRAM GmbH F0094U Datasheet HTML 2Page - OSRAM GmbH F0094U Datasheet HTML 3Page - OSRAM GmbH F0094U Datasheet HTML 4Page - OSRAM GmbH F0094U Datasheet HTML 5Page - OSRAM GmbH F0094U Datasheet HTML 6Page - OSRAM GmbH F0094U Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
F 0094U, F 0094V
2002-02-04
4
Grenzwerte
3) (T
A = 25 °C)
Maximum Ratings
3) (T
A = 25°C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Maximaler Betriebstemperaturbereich
Maximum operating temperature range
T
op
- 40...+100
°C
Maximaler Lagertemperaturbereich
Maximum storage temperatur range
T
stg
- 40...+100
°C
Maximaler Durchlaßstrom
Maximum forward current
I
F
100
mA
Maximaler Stoßstrom
maximum surge current
t
p = 10 µs, D = 0.005
I
S
3A
Maximale Sperrschichttemperatur
Maximum junction temperature
T
j
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com