Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14482 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 14482
Description  Con-X Series Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

14482 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  14482 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Search
enlarge
Product
Description
Typical Mating Layout Drawings
Distributor
Inventory
14482
MAXI-CON WINGED COUPLING NUT
16290
MICRO CON-X O-RING
check stock
16291
MICRO CON-X HEX NUT
check stock
16293
MICRO CON-X GASKET
check stock
16295
MICRO CON-X RECEP CAP
check stock
24295
MEGA CON-X RECEP CAP
check stock
586-SG
#20 SOCKET CRIMP CONTACT
check stock
586SN-SG #20 SOCKET CRMP CNTCT SHOVELNOSE
check stock
587-PG
#20 PIN CONTACT CRIMP
check stock
6290
MINI CON-X O-RING
check stock
6291
MINI HEX NUT
check stock
6293
MINI GASKET
check stock
6295
Mini - Con-X Weather tight Cap
check stock
6482
MINI-CON WINGED COUPLING NUT
check stock
Home
About Us
Products
Applications
Sales Support
Contact Us
Industrial Products
> Connectors > Harsh Environment Connectors > Con-X Series Accessories
Con-X Series Accessories
A complete harsh enviroment circular connector system that offers the performance and reliability
features of Mil spec connectors at the cost of commercial products. Available in 2 through 31
conductors, 12,16,20,22 and 26 AWG contacts.
Need more info? Contact Switchcraft customer service
5555 N Elston Ave • Chicago • Illinois • 60630 • USA • 1.773.792.2700
Home
About Us
Sales
Contact Us
Login
Page 1 of 1
Switchcraft : Con-X Series Accessories
2/8/2011
http://www.conxall.com/ProductSummary.aspx?Parent=888


Similar Part No. - 14482

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1448 APITECH-1448 Datasheet
429Kb / 1P
Convection Cooled, Low IMD Design
logo
3M Electronics
1448 3M-1448 Datasheet
587Kb / 1P
Stay sharp with Scotch™ Scissors
2011 v04
logo
ERNI Electronics
144839 ERNI-144839 Datasheet
138Kb / 1P
TMC-S-09-SMD-Standard-BA8
144840 ERNI-144840 Datasheet
139Kb / 1P
TMC-S-15-SMD-Standard-BA8
144842 ERNI-144842 Datasheet
141Kb / 1P
TMC-S-37-SMD-Standard-BA8
More results

Similar Description - 14482

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3554 NSC-LM3554 Datasheet
154Kb / 4P
Synchronous Boost Con
logo
Glenair, Inc.
189-007NH11S GLENAIR-189-007NH11S Datasheet
214Kb / 2P
Fiber-Con Backshell
logo
List of Unclassifed Man...
6282-6SG-522 ETC2-6282-6SG-522 Datasheet
242Kb / 4P
MINI-CON-X FIELD INSTALLABLE CONNECTORS
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
logo
Glenair, Inc.
189-007 GLENAIR-189-007 Datasheet
693Kb / 2P
Fiber-Con Backshell
logo
List of Unclassifed Man...
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
(2-6) #20 PIN CONTACTS MINI-CON-X
CARA62802P07990 ETC2-CARA62802P07990 Datasheet
142Kb / 1P
(2-6) #20 PIN CONTACTS MINI-CON-X, R. ANGLE
CARA62802S07990 ETC2-CARA62802S07990 Datasheet
166Kb / 1P
(2-8) #20 SOCKET CONTACTS MINI-CON-X, R. ANGLE
logo
Switchcraft, Inc.
CA6280XPXXX90 SWITCH-CA6280XPXXX90 Datasheet
135Kb / 1P
CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X
Rev. A
CA6280XSXXX90 SWITCH-CA6280XSXXX90 Datasheet
157Kb / 1P
CABLE ASSEMBLY (2-8) #20 SOCKET CONTACTS MINI-CON-X
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com