Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KXPS5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KXPS5
Description  Getting Started with the KXPS5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXPS5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KXPS5 Datasheet HTML 1Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 2Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 3Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 4Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 5Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN 009
Filter Cap Recommendations
To be effective in many applications, such as HDD protection, the KXPS5 needs to respond to
changes in acceleration as quickly as possible. The accelerometer’s bandwidth, and in turn its
response time, is largely determined by the external filter capacitance. Therefore, the filter
capacitance should be as small as the application will allow. Table 1 shows several commonly
used bandwidths and the associated capacitor values for C2, C3, and C4 in the circuits shown
above. For most applications, 500Hz (0.01uF) should be a good starting point. Also, the KXPS5
has an internal 1000Hz 1st order low pass filter that allows for operation without any external
capacitors.
Bandwidth
(Hz)
Capacitance
(uF)
50
0.10
250
0.02
500
0.01
Table 1. Bandwidth (Hz) and Capacitance (uF)
Quick Start Implementation
The KXPS5 offers the user a powerful range of operating options and features, mostly controlled
by setting appropriate values in registers. This section is not a comprehensive guide to all of the
options and features. Rather it is intended to guide the user to an implementation of the KXPS5
that will get the device up and running as quickly as possible. Once up and running, the user
should experiment with different setting and options to reach the optimum performance for their
specific application.
The registers shown in Table 2 need to be set to get the KXPS5 up and running:
Address
Recommended Value
Register Name
Hex
Binary
Hex
Binary
CTRL_REGB
0x0D
0000 1101
0x42
0100 0010
CTRL_REGC
0x0C
0000 1100
0x00
0000 0000
FF_INT
0x08
0000 1000
0x0E
0000 1110
FF_DELAY
0x09
0000 1001
0x14
0001 0100
MOT_INT
0x0A
0000 1010
0x55
0101 0101
MOT_DELAY
0x0B
0000 1011
0x14
0001 0100
Table 2. KXPS5 Registers
© Kionix 2006
9 March 2006
Page 3 of 6
For each register, a set of initial recommended values is provided that will ensure the KXPS5 is
configured to a known operational state. Note that these conditions just provide a starting point,
and the values should vary as users refine their application requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com