Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KXPS5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KXPS5
Description  Getting Started with the KXPS5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXPS5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KXPS5 Datasheet HTML 1Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 2Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 3Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 4Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 5Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN 009
Register Recommendations
CTRL_REGB
CLKhld ENABLE
ST
X
X
X
FFIen
XI
0
1
0
0
0
0
1
0
Figure 4. Operational Starting Point for CTRL_REGB
CLKhld = 0: The KXPS5 will not hold the I2C clock during A/D conversions.
ENABLE = 1: The KXPS5 is enabled/operational.
ST = 0: The KXPS5 self-test function is not enabled/operational.
FFIen = 1: Free-fall detection interrupt is enabled/operational.
CTRL_REGC
X
X
X
FFLatch MOTLatch
X
IntSpd1 IntSpd0
0
0
0
0
0
0
0
0
Figure 5. Operational Starting Point for CTRL_REGC
FFLatch = 0: The free-fall interrupt output will go high whenever the criterion for free-fall
detection is met. The output will return low when the criterion is not met.
MOTLatch = 0: The motion interrupt output will go high whenever the criterion for motion
detection is met. The output will return low when the criterion is not met.
IntSpd1 and IntSpd0 = 0: The interrupt sampling frequency is 250 samples/second.
Therefore, the interrupt delay times can be calculated using Equation 1.
Free-fall Delay (sec) = FF_Delay (# of samples) / 250 (samples/sec)
High-g Motion Delay (sec) = MOT_Delay (# of samples) / 250 (samples/sec)
Equation 1. Free-fall and Motion Delay Calculations
Thresholds and Delays
The following are some suggested acceleration thresholds and delay (or dwell) times
appropriate for many HDD protection applications. For each suggested parameter the
appropriate register value is provided in binary and hexadecimal.
Free fall
Detection Threshold = 0.4g
FF_INT = (0000 1110 or 0x0E)
Delay Time = 80mS
FF_DELAY = (0001 0100 or 0x14)
High-g Motion
Detection Threshold = 2.5g
© Kionix 2006
9 March 2006
Page 4 of 6
MOT_INT = (0101 0101 or 0x55)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com