Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF40ABDT Datasheet(PDF) 27 Page - STMicroelectronics

Part # LF40ABDT
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF40ABDT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LF40ABDT Datasheet HTML 23Page - STMicroelectronics LF40ABDT Datasheet HTML 24Page - STMicroelectronics LF40ABDT Datasheet HTML 25Page - STMicroelectronics LF40ABDT Datasheet HTML 26Page - STMicroelectronics LF40ABDT Datasheet HTML 27Page - STMicroelectronics LF40ABDT Datasheet HTML 28Page - STMicroelectronics LF40ABDT Datasheet HTML 29Page - STMicroelectronics LF40ABDT Datasheet HTML 30Page - STMicroelectronics LF40ABDT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.8
1.05
0.031
0.041
F1
1
1.4
0.039
0.055
G
3.2
3.4
3.6
0.126
0.134
0.142
G1
6.6
6.8
7
0.260
0.268
0.276
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L
17.85
0.703
L1
15.75
0.620
L2
21.4
0.843
L3
22.5
0.886
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
M
4.5
0.177
M1
4
0.157
Dia
3.65
3.85
0.144
0.152
P010E
PENTAWATT (VERTICAL) MECHANICAL DATA
LF00AB/C
27/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com