Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB75NF75 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB75NF75
Description  N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NF75 Datasheet(HTML) 3 Page - STMicroelectronics

  STB75NF75 Datasheet HTML 1Page - STMicroelectronics STB75NF75 Datasheet HTML 2Page - STMicroelectronics STB75NF75 Datasheet HTML 3Page - STMicroelectronics STB75NF75 Datasheet HTML 4Page - STMicroelectronics STB75NF75 Datasheet HTML 5Page - STMicroelectronics STB75NF75 Datasheet HTML 6Page - STMicroelectronics STB75NF75 Datasheet HTML 7Page - STMicroelectronics STB75NF75 Datasheet HTML 8Page - STMicroelectronics STB75NF75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB75NF75 - STP75NF75 - STP75NF75FP
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D2PAK /TO-220
TO-220FP
VDS
Drain-source voltage (VGS = 0)
75
V
VDGR
Drain-gate voltage (RGS = 20KΩ)75
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25°C
80
80
A
ID
(1)
Drain current (continuous) at TC=100°C
70
70
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
320
A
PTOT
Total dissipation at TC = 25°C
300
45
W
Derating factor
2.0
0.3
W/°C
dv/dt (3)
3.
ISD ≤80A, di/dt ≤300A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
12
V/ns
EAS
(4)
4.
Starting TJ = 25
oC, I
D = 40A, VDD = 37.5V
Single pulse avalanche energy
700
mJ
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink (t=1s;TC=25°C)
--
2000
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
D2PAK /TO-220
TO-220FP
RthJC
Thermal resistance junction-case max
0.5
3.33
°C/W
RthJA
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose(1)
1.
1.6mm from case for 10sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com