Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB75NF75 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB75NF75
Description  N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NF75 Datasheet(HTML) 5 Page - STMicroelectronics

  STB75NF75 Datasheet HTML 1Page - STMicroelectronics STB75NF75 Datasheet HTML 2Page - STMicroelectronics STB75NF75 Datasheet HTML 3Page - STMicroelectronics STB75NF75 Datasheet HTML 4Page - STMicroelectronics STB75NF75 Datasheet HTML 5Page - STMicroelectronics STB75NF75 Datasheet HTML 6Page - STMicroelectronics STB75NF75 Datasheet HTML 7Page - STMicroelectronics STB75NF75 Datasheet HTML 8Page - STMicroelectronics STB75NF75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STB75NF75 - STP75NF75 - STP75NF75FP
Electrical characteristics
5/16
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD= 37.5V, ID= 45A,
RG=4.7Ω, VGS=10V
Figure 15 on page 9
25
100
66
30
ns
ns
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
80
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
320
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 80A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80A,
di/dt = 100A/µs,
VDD = 25V, TJ = 150°C
Figure 17 on page 9
132
660
10
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com