Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150P06P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP150P06P
Description  -60V P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150P06P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP150P06P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 8Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP150P06PIT
-60V P-Channel Enhancement Mode MOSFET
AP150P06P/T RVE 1.0
永源微電子科技有限公司
Description
The AP150P06P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 6V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -60V ID =-150A
RDS(ON) < -4.7mΩ @ VGS=-10V (Type:3.7mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP150P06P
TO-220-3L
AP150P06P XXX YYYY
1000
AP150P06T
TO-263-3L
AP150P06T XXX YYYY
800
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V1
-150
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V1
-90
A
IDM
Pulsed Drain Current2
-600
A
EAS
Single Pulse Avalanche Energy3
1020
mJ
IAS
Avalanche Current
82
A
PD@TC=25℃
Total Power Dissipation4
350
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
0.9
℃
/W
RθJC
Thermal Resistance Junction-Case1
60
℃
/W


Similar Part No. - AP150P06P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP150P01NF APME-AP150P01NF Datasheet
843Kb / 7P
-18V P-Channel Enhancement Mode MOSFET
REV1.0
AP150P02D APME-AP150P02D Datasheet
787Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP150P02NF APME-AP150P02NF Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
AP150P03D APME-AP150P03D Datasheet
734Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP150P03NF APME-AP150P03NF Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP150P06P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com