Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150P06P Datasheet(PDF) 7 Page - A POWER MICROELECTRONICS

Part # AP150P06P
Description  -60V P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150P06P Datasheet(HTML) 7 Page - A POWER MICROELECTRONICS

  AP150P06P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 8Page - A POWER MICROELECTRONICS AP150P06P Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP150P06PIT
-60V P-Channel Enhancement Mode MOSFET
AP150P06P/T RVE 1.0
永源微電子科技有限公司
Package Mechanical Data-TO-263-3L-SLK
Symbol
Common
mm
Mim
Nom
Max
A
4.35
4.47
4.60
A1
0.09
0.10
0.11
A2
2.30
2.40
2.70
b
0.70
0.80
1.00
b2
1.25
1.36
1.50
C
0.45
0.50
0.65
C1
1.29
1.30
9.40
D
9.10
9.20
9.30
D1
7.90
8.00
8.10
E
9.85
10.00
10.20
E1
7.90
8.00
8.10
H
15.30
15.50
15.70
e
-
2.54
-
L
2.34
2.54
2.74
L1
1.00
1.10
1.20
L2
1.30
1.40
1.50
R
0.24
0.25
0.26
θ
0°
4°
8°
Θ1
4°
7°
10°
Θ2
0°
3°
6°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com