Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # PDSP16256
Description  Programmable FIR Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  PDSP16256 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
The PDSP16256 contains sixteen multiplier -
accumulators, which can be multi cycled to provide from 16 to
128 stages of digital filtering. Input data and coefficients are
both represented by 16-bit two’s complement numbers with
coefficients converted internally to 12 bits and the results
being accumulated up to 32 bits.
In 16-tap mode the device samples data at the system
clock rate of up to 25MHz. If a lower sample rate is acceptable
then the number of stages can be increased in powers of two
up to a maximum of 128. Each time the number of stages is
doubled, the sample clock rate must be halved with respect to
the system clock. With 128 stages the sample clock is
therefore one eighth of the system clock.
In all speed modes devices can be cascaded to provide
filters of any length, only limited by the possibility of
accumulator overflow. The 32-bit results are passed between
cascaded devices without any intermediate scaling and
subsequent loss of precision.
The device can be configured as either one long filter or
two separate filters with half the number of taps in each. Both
networks can have independent inputs and outputs.
Both single and cascaded devices can be operated in
decimate-by-two mode. The output rate is then half the input
rate, but twice the number of stages are possible at a given
sample rate. A single device with a 20MHz clock would then,
for example, provide a 128-stage low pass filter, with a 5MHz
input rate and 2·5MHz output rate.
Coefficients are stored internally and can be down loaded
from a host system or an EPROM. The latter requires no
additional support, and is used in stand alone applications. A
full set of coefficients is then automatically loaded at power on,
or at the request of the system. A single EPROM can be used
to provide coefficients for up to 16 devices.
FEATURES
s Sixteen MACs in a Single Device
s Basic Mode is 16-Tap Filter at up to 25MHz
Sample Rates
s Programmable to give up to 128 Taps with
Sampling Rates Proportionally Reducing to 3·125MHz
s 16-bit Data and 32-bit Accumulators
s Can be configured as One Long Filter or Two Half-
Length Filters
s Decimate-by-two Option will Double the Filter Length
s Coefficients supplied from Host System or local EPROM
APPLICATIONS
s High Performance Digital Filters
s Pulse Compression for Radar and Sonar
s Matrix Multiplication
s Correlation
Fig. 2 Typical system application
ADDR DATA
EPROM
GND
SCLK
RES
CHANGE
COEFF
POWER-ON
RESET
PDSP
16256
OUTPUT
DATA
ADC
COEFFICIENTS
EPROM
CLKOP
ANALOG
INPUT
Fig. 1 A dual filter application
ADDR DATA
EPROM
EPROM
GND
SCLK
RES
CHANGE
COEFF
POWER-ON
RESET
PDSP
16256
OUTPUT
DATA
INPUT
DATA
ORDERING INFORMATION
Commercial (0
°C to 170°C)
PDSP16256A/C0/AC
25MHz, PGA package
Industrial (240
°C to 185°C)
PDSP16256 B0/AC
20MHz, PGA package
PDSP16256 B0/GC
20MHz, QFP package
Military (255
°C to 1125°C)
PDSP16256 MA/ACBR 20MHz, MIL-STD-883*
(latest revision), PGA package
PDSP16256 MA/GCPR 20MHz, MIL-STD-883*
(latest revision), QFP package
*
See notes following Electrical Characteristics for further
information on MIL-STD-883 screening
ASSOCIATED PRODUCTS
PDSP16350 I/Q Splitter/NCO
PDSP16510A FFT Processor
PDSP16256/A
Programmable FIR Filter
Supersedes version DS3709 5.1 January 1998
DS3709 - 6.0 August 1998


Similar Part No. - PDSP16256

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
Programmable FIR Filter
PDSP16256 ZARLINK-PDSP16256 Datasheet
181Kb / 23P
Stand Alone FFT Processor
PDSP16256 ZARLINK-PDSP16256 Datasheet
173Kb / 25P
Stand Alone FFT Processor
More results

Similar Description - PDSP16256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C001 ATMEL-AT76C001 Datasheet
73Kb / 9P
CBIC Programmable FIR Filter
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
Programmable FIR Filter
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
Dual FIR Filter
May 1999
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
Programmable FIR Filter
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
Programmable FIR FIlter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
Dual FIR Filter
April 18, 2007
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
Dual FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
Dual FIR Filter
July 27, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com