Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # PDSP16256
Description  Programmable FIR Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  PDSP16256 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PDSP16256
5
Fig. 4 Block Diagram
OPERATIONAL OVERVIEW
The PDSP16256 is an application specific FIR filter for use
in high performance digital signal processing systems.
Sampling rates can be up to 25MHz. The device provides the
filter function without any software development, and the
options are simply selected by loading a control register. The
device can be user configured as either a single filter, or as two
separate filters. The latter can provide two independent filters
for the in-phase and quadrature channels after IQ splitting, or
can provide two filters in cascade for greater stop band
rejection.
The device operates from a system clock, with rates up to
25MHz. This clock must be 1, 2, 4, or 8 times the required
sampling frequency, with the higher multiplication rates
producing longer filter networks at the expense of lower
sampling rates. Devices can be connected in cascade to
produce longer filter lengths. This can be accomplished
without the need for any additional external data delays, and all
the single device options remain available.
Continuous inputs are accepted, and continuous results
produced after the internal pipeline delay. Connection can be
made directly to an A-D converter. The filter operation can be
synchronised to a Filter Enable signal (FEN) whose positive
going edge marks the first data sample. The internal multiplier
accumulator array can be cleared with a dedicated input. This
is necessary if erroneous results obtained during the normal
data ‘flush through’ are not permissible in the system.
Coefficients can be loaded from a host system using a
conventional peripheral interface and separate data bus.
Alternatively, they can be loaded as a complete set from a byte
wide EPROM. The device produces addresses for the EPROM
and a BUSY output indicates that the transfer is occurring. Up
to sixteen devices can have their coefficients supplied from a
single EPROM. These devices need not necessarily be part of
the same filter network.
Each of the filter networks shown in Fig. 4 contains eight
systolic multiplier accumulator stages; an example with four
stages is shown in Fig. 5. Input data flows through the delay
lines and is presented for multiplication with the required
coefficient. This is added to either the last result from this
accumulator or the result from the previous accumulator. The
filter results progress along the adders at the data sample rate.
If the sample rate equals SCLK divided by four, for example,
then the accumulated result is passed onto the next stage
every fourth cycle. The structure described is highly efficient
when used to calculate filtered results from continuous input
data.
A comprehensive digital filter design program is available
for PC compatible machines. This will optimise the filter
coefficients for the filter type required and number of taps
available at the selected sample rate within the PDSP16256
device. An EPROM file can be automatically generated in
Motorola S-record format.
SWAP
A7:0
C15:0
CCS
WEN
CS
BYTE
EPROM
FEN
DFEN
DCLR
RES
COEFFICIENT
STORAGE
AND
CONTROL
SCLK
FRUN
CLKOP
BUSY
DA15:0
F31:0
OEN
NETWORK
A
NETWORK
B
DUAL
MODE
SINGLE
MODE
MUX
DB15:0
X31:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com