Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16112 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # PDSP16112
Description  Complex Accumulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16112 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  PDSP16112 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PDSP16318/13618A
3
Symbol
A15:0
B15:0
C15:0
D15:0
CLK
CEA
CEB
OEC
OED
OVR
ASR1:0
ASI1:0
CLR
MS
S2:0
DEL
VCC
GND
Description
Data presented to this input is loaded into the input register on the rising edge of CLK. A15 is the MSB.
Data presented to this input is loaded into the input register on the rising edge of CLK. B15 is the MSB
and has the same weighting as A15.
New data appears on this output after the rising edge of CLK. C15 is the MSB.
New data appears on this output after the rising edge of CLK. C15 is the MSB.
Common Clock to all internal registers
Clock enable: when low the clock to the A input register is enabled.
Clock enable: when low the clock to the B input register is enabled.
Output enable: Asynchronous 3-state output control: The C outputs are in a high impedance
state when this input is high.
Output enable: Asynchronous 3-state output control: The D outputs are in a high impedance
state when this input is high.
Overflow flag: This flag will go high in any cycle during which either the output data overflows the number
range selected or either of the adder results overflow. A new OVR appears after the rising edge of the
CLK.
Add/subtract Real: Control input for the 'Real' adder. This input is latched by the rising edge of clock.
Add/subtract Imag: Control input for the 'Imag' adder. This input is latched by the rising edge of clock.
Accumulator Clear: Common accumulator clear for both Adder/Subtractor units. This input is latched by
the rising edge of CLK.
Mux select: Control input for both adder multiplexers. This input is latched by the rising edge of CLK.
When high the feedback path is selected.
Scaling control: This input selects the 16-bit field from the 20-bit adder result that is routed to the outputs.
This input is latched by the rising edge of CLK.
Delay Control: This input selects the delayed input to the real adder for operations involving the
PDSP16112. This input is latched by the rising edge of CLK.
+5V supply: Both Vcc pins must be connected.
0V supply: Both GND pins must be connected.
Type
Input
Input
Output
Output
Input
Input
Input
Input
Input
Output
Input
Input
Input
Input
Input
Input
Power
Ground
GG pin
77
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
5
AC pin
B2
C2
B1
C1
D2
D1
E3
E2
E1
F2
F3
G3
G1
G2
F1
H1
H2
J1
K1
J2
L1
Function
D7
D8
D9
D10
GND
VCC
D11
D12
D13
D14
D15
C15
C14
C13
C12
VCC
GND
C11
C10
C9
C8
GG pin
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
AC pin
K2
K3
L2
L3
K4
L4
J5
K5
L5
K6
J6
J7
L7
K7
L6
L8
K8
L9
L10
K9
L11
Function
C7
C6
C5
C4
C3
C2
C1
C0
OED
OEC
S2
S1
S0
MS
ASI1
ASI0
DEL
CLR
ASR1
ASR0
A0
GG pin
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
AC pin
K10
J10
K11
J11
H10
H11
F10
G10
G11
G9
F9
F11
E11
E10
E9
D11
D10
C11
B11
C10
A11
Function
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
CEA
B15
B14
B13
B12
B11
GG pin
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
AC pin
B10
B9
A10
A9
B8
A8
B6
B7
A7
C7
C6
A6
A5
B5
C5
A4
B4
A3
A2
B3
A1
Function
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
CLK
CEB
OVR
D0
D1
D2
D3
D4
D5
D6
Device Pinout for ceramic 84 - pin PGA (AC84) and ceramic QFP (GG100)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com