Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16112 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # PDSP16112
Description  Complex Accumulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16112 Datasheet(HTML) 6 Page - Mitel Networks Corporation

  PDSP16112 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16112 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PDSP16318/16318A
6
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated):
T
amb
(Commercial) = 0°C to +70°C, VCC = 5.0V ± 5%, GND = 0V
T
amb
(Industrial) =-40°C to +85°C, VCC = 5.0V ± 10%, GND = 0V
T
amb
(Military) =-55°C to +125°C, VCC = 5.0V ± 10%, GND = 0V
STATIC CHARACTERISTICS
Value
Characteristic
Symbol
Units
Conditions
Min.
Typ.
Max.
Output high voltage
V
OH
2.4
-
V
IOH = 3.2mA
Output low voltage
V
OL
-
0.4
V
lOL=-3.2mA
Input high voltage
V
IH
3.5
-
V
Input low voltage
V
IL
-
0.5
V
Input leakage current
I
IL
-10
+10
µA
GND < V
IN<VCC
Output leakage current
l
oz
-50
-
+50
µA
GND <V
OUT < VCC
Output SC current
I
OS
20
-
200
mA
V
cc = Max
Input capacitance
C
IN
-
9
-
pF
Max.
-
-
-
-
-
-
-
-
-
-
40
40
40
40
70
30
Min.
100
20
20
8
2
10
8
2
2
8
5
-
-
-
-
-
Characteristic
Clock period
Clock High Time
Clock Low Time
A15:0, B15:0 setup to clock rising edge
A15:0, B15:0 hold after clock rising edge
MS, S2:0, ASI setup to clock rising edge
DEL, ASR, CLR setup to clock rising edge
DEL, ASR, CLR, MS, S2:0, ASI hold after
clock rising edge
CEA, CEB setup to clock falling edge
CEA, CEB hold after clock rising edge
Clock rising edge to OVR, C15:0, D15:0
OEC/OED low to C15:0/D15:0 high data valid
OEC/OED low to C15:0/D15:0 low data valid
OEC/OED high to C15:0/D15:0 high impedance
Vcc current
Vcc current
Conditions
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
VCC = max,
TTL input levels
Outputs unloaded,
fCLK = max
VCC = max,
CMOS input levels
Outputs unloaded,
fCLK = max
SWITCHING CHARACTERISTICS
Units
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
mA
mA
Max.
-
-
-
-
-
-
-
-
-
-
40
40
40
40
70
30
Min.
50
15
15
5
2
10
5
2
2
8
5
-
-
-
-
-
Max.
-
-
-
-
-
-
-
-
-
-
30
30
30
30
110
60
PDSP16318
PDSP16318 PDSP16318A
Value
Industrial + Commercial
Min.
100
20
20
8
2
10
8
2
2
8
5
-
-
-
-
-
Value
Military
NOTES
1.
LSTTL is equivalent to I
OH = 20 microamps, IOL = -0.4mA
2.
Current is defined as negative into the device
3.
CMOS input levels are defined as:
V
IL = 0.5
V
IH = VDD - 0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com