Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFL3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFL3
Description  1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFL3 Datasheet(HTML) 1 Page - Abracon Corporation

  ASFL3 Datasheet HTML 1Page - Abracon Corporation ASFL3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ASFL3
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Equipment connected to
PC or PC cards
• Thin equipment
• Wireless communication
FEATURES:
5.0 x 3.2 x 1.6 mm
Pb RoHS
Compliant
• Tri-state function
• Suitable for high density SMT
• Available tight stability
option, +/-20ppm
• Seam sealed package
assures high reliability
• Suitable for RoHS reflow
1.8V CMOS COMPATIBLE SMD
CRYSTAL CLOCK OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.30.10
Visit www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N:
ASFL3 Series
Frequency:
Operating temperature:
-10°C to +70°C (see option)
Storage temperature:
- 55°C to + 125°C
Overall Frequency Stability:
±100 ppm max. (see option)
Supply voltage (Vdd):
1.8 Vdc ± 10%
Supply Current (Idd):
Symmetry at 1/2 Vdd:
40/60% max. (see option)
Rise and Fall Times(Tr/Tf):
Output load:
Output Voltage:
VOH = 0.9*Vdd min., VOL = 0.1*Vdd max.
Tri-state Function:
Start-up-time:
Aging (First year):
±3 ppm max. @25°C
* 30pF max is available.Please contact ABRACON.
15pF max.*
"1" or open;: Oscillation; VIH > 0.7*Vdd, "0": Output disabled (HI-Z); VIL < 0.3*Vdd
0.5 MHz to 125 MHz
See table below
See table below
See table below
Period Jitter:
See table below
Table:
Frequency
range
Idd
Idd
Tr/Tf
Tr/Tf
Start-up
time
Start-up
time
Period
Jitter RMS
Period
Jitter RMS
(MHz)
mA
(Typ)
mA
(Max)
ns
(Typ)
ns
(max)
ms
(Typ)
ms
(Max)
ps (Typ)
ps (Max)
0.5~9.999
2
5
5
10
3
5
2
3
10.000~29.999
5
8
3
6
3
5
2
3
30.000~49.999
8
10
3
6
3
5
2
3
50.000~69.999
5
10
2
5
3
5
2
3
70.000~99.999
8
15
2
5
4
10
2
3
100.000~125.000
12
20
2
4
4
10
2
3
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ASFL3 -
MHz -
-
Frequency in MHz
e.g. 0.312MHz
14.31818MHz
125.000MHz
Packaging
Blank: Bulk
T: Tape & reel (1kpcs)
T2 Tape & reel (250pcs)
Operating Temp.
I: 0°C ~ +50°C
D: -10°C ~ +60°C
E: -20°C ~ +70°C
F: -30°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
Freq. Stability
J*: ± 20 ppm
R: ± 25 ppm
K: ± 30 ppm
H: ± 35 ppm
B: ± 40 ppm
C: ± 50 ppm
*: Temperature option I, D,
E and -10°C ~ +70°C only
Duty Cycle
Blank: 40/60%
@ 1/2Vdd
S: 45/55%
@ 1/2Vdd


Similar Part No. - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL3 ABRACON-ASFL3 Datasheet
151Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFL3 ABRACON-ASFL3 Datasheet
189Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
1.05.08
ASFL3 ABRACON-ASFL3_08 Datasheet
189Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
1.05.08
More results

Similar Description - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE2 ABRACON-ASE2 Datasheet
1Mb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASE3 ABRACON-ASE3 Datasheet
925Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASFL3 ABRACON-ASFL3 Datasheet
151Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE2 ABRACON-ASE2_08 Datasheet
161Kb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
01.14.08
ASE3 ABRACON-ASE3_08 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
ASE4 ABRACON-ASE4 Datasheet
685Kb / 2P
1.5V CMOS COMPATIBLE 3.2 x 2.5 SMD CRYSTAL CLOCK OSCILLATOR
08.15.08
ASE ABRACON-ASE_07 Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
ASESERIES ABRACON-ASESERIES Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com