Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W040 Datasheet(HTML) 1 Page - STMicroelectronics

  M29W040 Datasheet HTML 1Page - STMicroelectronics M29W040 Datasheet HTML 2Page - STMicroelectronics M29W040 Datasheet HTML 3Page - STMicroelectronics M29W040 Datasheet HTML 4Page - STMicroelectronics M29W040 Datasheet HTML 5Page - STMicroelectronics M29W040 Datasheet HTML 6Page - STMicroelectronics M29W040 Datasheet HTML 7Page - STMicroelectronics M29W040 Datasheet HTML 8Page - STMicroelectronics M29W040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AI02074
19
A0-A18
W
DQ0-DQ7
VCC
M29W040
G
E
VSS
8
Figure 1. Logic Diagram
M29W040
4 Mbit (512Kb x8, Uniform Block)
Low Voltage Single Supply Flash Memory
NOT FOR NEW DESIGN
M29W040 is replaced by the M29W040B
2.7V to 3.6V SUPPLY VOLTAGE for
PROGRAM, ERASE and READ OPERATIONS
FAST ACCESS TIME: 100ns
BYTE PROGRAMMING TIME: 12
µs typical
ERASE TIME
– Block: 1.5 sec typical
– Chip: 2.5 sec typical
PROGRAM/ERASE CONTROLLER (P/E.C.)
– Program Byte-by-Byte
– Data Polling and Toggle bits Protocol for
P/E.C. Status
MEMORY ERASE in BLOCKS
– 8 Uniform Blocks of 64 KBytes each
– Block Protection
– Multiblock Erase
ERASE SUSPEND and RESUME MODES
LOW POWER CONSUMPTION
– Read mode: 8mA typical (at 12MHz)
– Stand-by mode: 20
µA typical
– Automatic Stand-by mode
POWER DOWN SOFTWARE COMMAND
– Power-down mode: 1
µA typical
100,000 PROGRAM/ERASE CYCLES per
BLOCK
20 YEARS DATA RETENTION
– Defectivity below 1ppm/year
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: E3h
A0-A18
Address Inputs
DQ0-DQ7
Data Input / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC32 (K)
TSOP32 (N)
8 x 20mm
November 1999
1/31
This is information on a product still in productionbut not recommended for new designs.
TSOP32 (NZ)
8 x 14mm


Similar Part No. - M29W040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W040B120K1 STMICROELECTRONICS-M29W040B120K1 Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W040B120K1E STMICROELECTRONICS-M29W040B120K1E Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W040B120K1F STMICROELECTRONICS-M29W040B120K1F Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W040B120K1T STMICROELECTRONICS-M29W040B120K1T Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
More results

Similar Description - M29W040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
09-Mar-2000
M29W004T STMICROELECTRONICS-M29W004T Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com