Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 10Page - STMicroelectronics ST7FOXK2 Datasheet HTML 11Page - STMicroelectronics ST7FOXK2 Datasheet HTML 12Page - STMicroelectronics ST7FOXK2 Datasheet HTML 13Page - STMicroelectronics ST7FOXK2 Datasheet HTML 14Page - STMicroelectronics ST7FOXK2 Datasheet HTML 15Page - STMicroelectronics ST7FOXK2 Datasheet HTML 16Page - STMicroelectronics ST7FOXK2 Datasheet HTML 17Page - STMicroelectronics ST7FOXK2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 226 page
background image
Description
ST7FOXF1, ST7FOXK1, ST7FOXK2
14/226
Figure 1.
General block diagram
8-bit core
ALU
OSC1
OSC2
RESET
Port A
Internal
clock
Control
RAM
PA7:0
(8 bits)
VSS
VDD
Power
Supply
Flash
(4 to 8 Kbytes)
Memory
Ext.
1 MHz
Int.
RC OSC
8-bit
dual Lite timer
Port B
PB7:0
(8 bits)
I2C
8 MHz
OSC
to
16 MHz
10-bit ADC
12-bit
Auto-reload
CLKIN
/ 2
Watchdog
Debug module
Port C
PC7:0
(8 bits)
Program
/ 2
Int.
32 kHz
dual timer
RC OSC
SPI 1)
16-bit timer 1)
Note 1 : available on 8K version only
(384 bytes)
LVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com