Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 17Page - STMicroelectronics ST7FOXK2 Datasheet HTML 18Page - STMicroelectronics ST7FOXK2 Datasheet HTML 19Page - STMicroelectronics ST7FOXK2 Datasheet HTML 20Page - STMicroelectronics ST7FOXK2 Datasheet HTML 21Page - STMicroelectronics ST7FOXK2 Datasheet HTML 22Page - STMicroelectronics ST7FOXK2 Datasheet HTML 23Page - STMicroelectronics ST7FOXK2 Datasheet HTML 24Page - STMicroelectronics ST7FOXK2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Register and memory mapping
21/226
Table 4.
Hardware register map(1)
Address
Block
Register label
Register name
Reset status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data register
Port A Data Direction register
Port A Option register
00h
00h
00h
R/W
R/W
R/W
0003h
0004h
0005h
Port B
PBDR
PBDDR
PBOR
Port B Data register
Port B Data Direction register
Port B Option register
00h
00h
00h
R/W
R/W
R/W
0006h
0007h
0008h
Port C
PCDR
PCDDR
PCOR
Port C Data register
Port C Data Direction register
Port C Option register
00h
00h
08h
R/W
R/W
R/W
0009h to
000Bh
Reserved area (3 bytes)
000Ch
000Dh
000Eh
000Fh
0010h
LITE
TIMER
LTCSR2
LTARR
LTCNTR
LTCSR1
LTICR
Lite Timer Control/Status register 2
Lite Timer Auto-reload register
Lite Timer Counter register
Lite Timer Control/Status register 1
Lite Timer Input Capture register
0Fh
00h
00h
0x00 0000b
xxh
R/W
R/W
Read Only
R/W
Read Only
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
AUTO-
RELOAD
TIMER
ATCSR
CNTR1H
CNTR1L
ATR1H
ATR1L
PWMCR
PWM0CSR
PWM1CSR
PWM2CSR
PWM3CSR
DCR0H
DCR0L
DCR1H
DCR1L
DCR2H
DCR2L
DCR3H
DCR3L
ATICRH
ATICRL
ATCSR2
BREAKCR1
ATR2H
ATR2L
DTGR
BREAKEN
Timer Control/Status register
Counter register 1 High
Counter register 1 Low
Auto-Reload register 1 High
Auto-Reload register 1 Low
PWM Output Control register
PWM 0 Control/Status register
PWM 1 Control/Status register
PWM 2 Control/Status register
PWM 3 Control/Status register
PWM 0 Duty Cycle register High
PWM 0 Duty Cycle register Low
PWM 1 Duty Cycle register High
PWM 1 Duty Cycle register Low
PWM 2 Duty Cycle register High
PWM 2 Duty Cycle register Low
PWM 3 Duty Cycle register High
PWM 3 Duty Cycle register Low
Input Capture register High
Input Capture register Low
Timer Control/Status register 2
Break Control register
Auto-Reload register 2 High
Auto-Reload register 2 Low
Dead Time Generation register
Break Enable register
0x00 0000b
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
03h
00h
00h
00h
00h
03h
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
R/W
R/W
002Bh
Reserved area (1 byte)
002Ch
AUTO-
RELOAD
TIMER
BREAKCR2 (4)
Break Control register 2 (4)
00h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com