Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK2 Datasheet(PDF) 191 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 187Page - STMicroelectronics ST7FOXK2 Datasheet HTML 188Page - STMicroelectronics ST7FOXK2 Datasheet HTML 189Page - STMicroelectronics ST7FOXK2 Datasheet HTML 190Page - STMicroelectronics ST7FOXK2 Datasheet HTML 191Page - STMicroelectronics ST7FOXK2 Datasheet HTML 192Page - STMicroelectronics ST7FOXK2 Datasheet HTML 193Page - STMicroelectronics ST7FOXK2 Datasheet HTML 194Page - STMicroelectronics ST7FOXK2 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Electrical characteristics
191/226
12.3.3
Internal RC oscillator
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100 nF, between the VDD and VSS pins as close as possible to the ST7
device
Internal RC oscillator calibrated at 5.0 V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option
byte).
Table 71.
Internal RC oscillator characteristics (5.0 V calibration)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value),
TA = 25 °C, VDD = 5 V
5.5
MHz
RCCR=RCCR0(1),
TA = 25 °C, VDD = 5 V
1.
See Section 6.1.1: Internal RC oscillator
8
fG(RC)
RC trimming
granularity
TA = 25 °C, VDD = 5 V
6
kHz
ACCRC
Accuracy of Internal
RC oscillator with
RCCR=RCCR01)
TA = 25 °C, VDD = 5 V
(2)
without user calibration
±7
%
TA = 25 °C, VDD = 4.5 to 5.5 V
(2)
with user calibration
-2
2
%
TA= 0 to +85 °C,
VDD = 4.5 to 5.5 V
(2)
with user calibration
2.
Guaranteed by characterization
-2.5
4
%
TA = -40 to 0 °C,
VDD = 4.5 to 5.5 V
(2)
with user calibration
-4
2.5
%
tsu(RC)
RC oscillator setup
time
TA = 25 °C, VDD = 5 V
4 (3)
3.
Not tested in production
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com