Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS4962M Datasheet HTML 28Page - STMicroelectronics TS4962M Datasheet HTML 29Page - STMicroelectronics TS4962M Datasheet HTML 30Page - STMicroelectronics TS4962M Datasheet HTML 31Page - STMicroelectronics TS4962M Datasheet HTML 32Page - STMicroelectronics TS4962M Datasheet HTML 33Page - STMicroelectronics TS4962M Datasheet HTML 34Page - STMicroelectronics TS4962M Datasheet HTML 35Page - STMicroelectronics TS4962M Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Application information
TS4962M
32/41
We have the following equations:
In general, for mixed situations (single-ended and differential inputs), it is best to use the
same rule, that is, to equalize impedance on both TS4962M inputs.
5.10
Output filter considerations
The TS4962M is designed to operate without an output filter. However, due to very sharp
transients on the TS4962M output, EMI radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the TS4962M
outputs and loudspeaker terminal is long (typically more than 50mm, or 100mm in both
directions, to the speaker terminals). As the PCB layout and internal equipment device are
different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow:
Reduce, as much as possible, the distance between the TS4962M output pins and the
speaker terminals.
Use ground planes for “shielding” sensitive wires.
Place, as close as possible to the TS4962M and in series with each output, a ferrite
bead with a rated current at minimum 2A and impedance greater than 50
Ω at
frequencies above 30MHz. If, after testing, these ferrite beads are not necessary,
replace them by a short-circuit. Murata BLM18EG221SN1 or BLM18EG121SN1 are
possible examples of devices you can use.
Allow enough footprint to place, if necessary, a capacitor to short perturbations to
ground (see the schematics in Figure 63).
Figure 63.
Method for shorting pertubations to ground
Out
+
Out
-
V
e1
300
R
in1
-------------
×… V
ek
300
R
ink
-------------
×
(V)
++
=
C
eq
k
Σ
j1
=
C
inj
=
C
inj
1
2
π R
inj
F
×
×
×
CLj
-------------------------------------------------------
(F)
=
R
eq
1
1
R
inj
----------
j1
=
k
-------------------
=
Ferrite chip bead
about 100pF
Gnd
From TS4962 output
To speaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com