Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 35 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TS4962M Datasheet HTML 31Page - STMicroelectronics TS4962M Datasheet HTML 32Page - STMicroelectronics TS4962M Datasheet HTML 33Page - STMicroelectronics TS4962M Datasheet HTML 34Page - STMicroelectronics TS4962M Datasheet HTML 35Page - STMicroelectronics TS4962M Datasheet HTML 36Page - STMicroelectronics TS4962M Datasheet HTML 37Page - STMicroelectronics TS4962M Datasheet HTML 38Page - STMicroelectronics TS4962M Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
TS4962M
Demoboard
35/41
6
Demoboard
A demoboard for the TS4962M is available with a flip-chip to DIP adapter. For more
information about this demoboard, refer to Application Note AN2134.
Figure 66.
Schematic diagram of mono class D demoboard for TS4962M
Figure 67.
Diagram for flip-chip-to-DIP adapter
In-
Stdby
In+
Out-
Out+
Vcc
4
5
1
2
10
38
3
6
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
U1
TS4962 Flip-Chip to DIP Adapter
GND
Vcc
R1
150k
R2
150k
C2
100nF
C3
100nF
Cn3
Cn6
Cn2
1
2
3
Cn1 + J1
GND
GND
Vcc
Vcc
C1
2.2uF/10V
GND
Cn4 + J2
Cn5 + J3
Positive Output
Negative Output
Positive Input
Negative input
In-
Stdby
In+
Out-
Out+
Vcc
C2
C1
A1
A2
A3
B1
B2
B3
C3
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
TS4962
R1
OR
R2
OR
C1
100nF
C2
1uF
Pin4
Pin5
Pin1
Pin6
Pin10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com