Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-6017-D. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-6017-D.
Description  7-ch Isolated RTD Input Modbus TCP Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6017-D. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6017-D. Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet I/O Modules: ADAM-6000
ADAM-6015
Specifications
Analog Input
ƒ
Channels
7 (differential)
ƒ
Input Impedance
> 10 M
Ω
ƒ
Input Connections
2 or 3 wire
ƒ
Input Type
Pt, Balco and Ni RTD
ƒ
RTD Types and Temperature Ranges
Pt 100
-50°C
~
150°C
0°C
~
100°C
0°C
~
200°C
0°C
~
400°C
-200°C
~
200°C
Pt 1000
-40°C
~
160°C
Supports both IEC 60751 ITS90 (0.0385 W/W/°C)
and JIS C 1604 (0.0392 W/W/°C)
Balco 500
-30°C
~
120°C
Ni 518
-80°C
~
100°C
0°C
~
100°C
ƒ
Accuracy
± 0.1 % or better
High speed mode
±0.5% or better
ƒ
Span Drift
± 25 ppm/°C
ƒ
Zero Drift
± 6 μV/°C
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/ second (total)
High speed mode:1K sample/second (total)
CMR @ 50/60 HZ 90dB
NMR @ 50/60 HZ 60dB
* high speed mode does not support CMR/NMR
ƒ
Wire Burnout Detection
Ordering Information
ƒ
ADAM-6015
7-ch Isolated RTD Input
Modbus TCP Module
7-ch Isolated RTD Input Modbus TCP Module
8-ch Isolated Analog Input Modbus TCP Module
with 2-ch DO
8-ch Isolated Thermocouple Input Modbus TCP
Module with 8-ch DO
ADAM-6015
ADAM-6017
ADAM-6018
ADAM-6017
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Input Impedance
> 10 M
Ω (voltage)
120
Ω (current)
ƒ
lnput Type
mV, V, mA
ƒ
lnput Range
±150mV , ±500mV , ±1 V ,
±5V , ±10V, 0 ~ 150mV, 0
~ 500mV , 0 ~ 1V , 0 ~ 5V
, 0 ~ 10V, 0 ~ 20mA , 4 ~
20mA , ±20mA
ƒ
Accuracy
±0.1% (voltage)
±0.2% (current)
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 μV/°C
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 or 100 sample/ second
(total)
CMR @ 50/60 HZ 90dB
NMR @ 50/60 HZ 67dB
ƒ
Common-Mode
350VDC
Voltage
Digital Output
ƒ
Channels
2, open collector to 30 V,
100 mA max. load
ƒ
Power Dissipation
300 mW for each module
ƒ
Output Delay
On: 100μs
Off: 150μs
Ordering Information
ƒ
ADAM-6017
8-ch Isolated AI with 2-ch
DO Modbus TCP Module
ADAM-6018
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Input Impedance
> 10 M
Ω
ƒ
lnput Type
Thermocouple
ƒ
Thermocouple Type and Range:
J
0 ~ 760°C
R 500 ~ 1,750°C
K
0 ~ 1,370°C
S 500 ~ 1,750°C
T
-100 ~ 400°C
B 500 ~ 1,800°C
E
0 ~ 1,000°C
ƒ
Accuracy
±0.1%
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 μV/°C
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/ second (total)
CMR @ 50/60 HZ 90dB
NMR @ 50/60 HZ 60dB
ƒ
Wire Burnout Detection
Digital Output
ƒ
Channels
8, open collector to 30 V,
100 mA max. load
ƒ
Power Dissipation
300 mW for each module
Ordering Information
ƒ
ADAM-6018
8-ch Isolated
Thermocouple Input
Modbus TCP Module w/
8-ch DO
Common Specifications
General
ƒ LAN
10/100Base-T(X)
ƒ Power Consumption
2.5 W @ 24 VDC (ADAM-6015)
2.7 W @ 24 VDC (ADAM-6017)
2 W @ 24 VDC (ADAM-6018)
ƒ Connectors
1 x RJ-45 (LAN), Plug-in screw
terminal block (I/O and power)
ƒ Watchdog
System (1.6 second) and
Communication (programmable)
ƒ Power Input
10 ~ 30 VDC
ƒ Supports Peer-to-Peer
ƒ Supports GCL
ƒ Supports Modbus/TCP, TCP/IP, UDP, HTTP and
MQTT (ADAM-6017) Protocols
Protection
ƒ Over Voltage
±35 VDC
Protection
ƒ Isolation Protection
2,000 VDC
ƒ Built-in TVS/ESD Protection
ƒ Power Reversal Protection
Environment
ƒ Operating
-10 ~ 70°C (14 ~ 158°F)
Temperature
-40 ~ 70°C (-40~158°F)
(ADAM-6017-D)
ƒ Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
-40 ~ 80°C ( -40~176°F)
(ADAM-6017-D)
ƒ Operating Humidity
20 ~ 95% RH
(non-condensing)
ƒ Storage Humidity
0 ~ 95% RH
(non-condensing)
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - ADAM-6017-D.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6017-D ADVANTECH-ADAM-6017-D Datasheet
4Mb / 13P
7-ch Isolated RTD Input Modbus TCP Module
26-Apr-2024
More results

Similar Description - ADAM-6017-D.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
7-ch Isolated RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
8-ch Isolated Analog Input Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
4-ch Isolated Analog Output Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Input Modbus TCP Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050_V01 Datasheet
514Kb / 1P
18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
ADAM-6018+ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com