Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2302DI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2302DI
Description  20V N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2302DI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2302DI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP2302DI
20V N-Channel Enhancement Mode MOSFET
AP2302DI RVE1.0
永源微電子科技有限公司
Description
The AP2302DI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =2.3A
RDS(ON) < 65mΩ @ VGS=10V (Type:52mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
S
AP2302DI
OT23L
2302D
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±
12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V1
2.3
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V1
1.2
A
IDM
Pulsed Drain Current2
6.9
A
PD@TA=25℃
Total Power Dissipation3
0.77
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
125
℃
/W
RθJC
Thermal Resistance Junction-Case1
100
℃
/W


Similar Part No. - AP2302DI

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2302D BCDSEMI-AP2302D Datasheet
154Kb / 13P
3A DDR TERMINATION REGULATOR
AP2302D-E1 BCDSEMI-AP2302D-E1 Datasheet
154Kb / 13P
3A DDR TERMINATION REGULATOR
AP2302DTR BCDSEMI-AP2302DTR Datasheet
154Kb / 13P
3A DDR TERMINATION REGULATOR
AP2302DTR-E1 BCDSEMI-AP2302DTR-E1 Datasheet
154Kb / 13P
3A DDR TERMINATION REGULATOR
More results

Similar Description - AP2302DI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com