Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2302DI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2302DI
Description  20V N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2302DI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2302DI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2302DI Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP2302DI
20V N-Channel Enhancement Mode MOSFET
AP2302DI RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V,ID=250μA
20
22
-
V
IDSS
Zero Gate Voltage Drain Current
VDS =20V, VGS = 0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS =0V,VGS = ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
0.5
0.65
1.2
V
RDS(on)
Static Drain-Source on-Resistance note2
VGS =4.5V, ID =3A
-
52
65
mΩ
VGS =2.5V, ID =2A
-
75
90
Ciss
Input Capacitance
VDS =10V, VGS =0V, f =
1.0MHz
-
150
-
pF
Coss
Output Capacitance
-
34
-
pF
Crss
Reverse Transfer Capacitance
-
26
-
pF
Qg
Total Gate Charge
VDS =10V, ID =3A,
VGS =4.5V
-
2.4
-
nC
Qgs
Gate-Source Charge
-
0.88
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
0.77
-
nC
td(on)
Turn-on Delay Time
VDS=10V,
ID=3A, RGEN=3Ω,
VGS =4.5V
-
6.8
-
ns
tr
Turn-on Rise Time
-
57
-
ns
td(off)
Turn-off Delay Time
-
14
-
ns
tf
Turn-off Fall Time
-
53
-
ns
IS
Maximum Continuous Drain to Source Diode ForwardCurrent
-
-
2.3
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
6.8
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS=3A
-
-
1.3
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com