Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit R-F Type Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
HT47C20
Rev. 1.60
13
July 26, 2002
No.
Interrupt Source
Priority Vector
a
External interrupt
1
04H
b
Time base interrupt
2
08H
c
Real time clock interrupt
3
0CH
d
Timer/event counter interrupt
4
10H
The external interrupt request flag (EIF), real time clock in-
terrupt request flag (RTF), time base interrupt request flag
(TBF), enable external interrupt bit (EEI), enable real time
clock interrupt bit (ERTI), enable time base interrupt bit
(ETBI), and enable master interrupt bit (EMI) constitute an
interrupt control register 0 (INTC0) which is located at 0BH
in the data memory. The timer/event counter interrupt re-
quest flag (TF), enable timer/event counter interrupt bit
(ETI) on the other hand, constitute an interrupt control reg-
ister 1 (INTC1) which is located at 1EH in the data mem-
ory. EMI, EEI, ETI, ETBI, and ERTI are used to control the
enabling/disabling of interrupts. These bits prevent the re-
quested interrupt being serviced. Once the interrupt re-
quest flags (RTF, TBF, TF, EIF) are set, they remain in the
INTC1 or INTC0 respectively until the interrupts are ser-
viced or cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Be-
cause interrupts often occur in an unpredictable manner
or need to be serviced immediately in some applica-
tions, if only one stack is left, and enabling the interrupt
is not well controlled, once the
²CALL subroutine² oper-
ates in the interrupt subroutine will damage the original
control sequence.
Oscillator configuration
There are two oscillator circuits in the HT47C20. Both are
designed for system clocks; the RC oscillator and the crys-
tal oscillator, which are determined by mask option. No mat-
ter what oscillator type is selected, the signal provides the
system clock. The HALT mode stops the system oscillator
and ignores an external signal to conserve power. The
OSC1 and OSC2 are at the same level when the system
enters the power down mode.
If an RC oscillator is used, an external resistor between
OSC1 and OSC2 is need and the resistance must range
from 51k
W to 1MW. The RC oscillator provides the most
cost effective solution. However, the frequency of the
oscillation may vary with VDD, temperature and the chip
itself due to process variations. It is, therefore, not suit-
able for timing sensitive operations where accurate os-
cillator frequency is desired.
If a crystal oscillator is used, a crystal across OSC1 and
OSC2 is needed to provide the feedback and phase
shift needed for oscillator, no other external components
are needed. Instead of a crystal, a resonator can also be
connected between OSC1 and OSC2 to get a frequency
reference, but two external capacitors in OSC1 and
OSC2 are required.
There is another oscillator circuit designed for the real
time clock. In this case, only the 32768kHz crystal oscil-
lator can be applied. The crystal should be connected
between OSC3 and OSC4, and two external capacitors
along with one external resistor are required for the os-
cillator circuit in order to get a stable frequency.
The RTC oscillator circuit can be controlled to oscillate
quickly by setting
²SAVE² bit (bit 4 of RTCC) to ²0². After
power on reset, the
²SAVE² bit initial value is ²0² that is on
the quick-oscillate mode. It
¢s recommended to turn it off
by setting the
²SAVE² bit ²1² after a period of about 2 sec-
ondstoavoiddrainingextrapower.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters the power down mode, the system
clock is stopped, but the WDT oscillator still works with a
period of approximately 90
ms. The WDT oscillator can
be disabled by mask option to conserve power.
Watchdog Timer
- WDT
The clock source of the WDT(fS) is implemented by a
dedicated RC oscillator (WDT oscillator) or a instruction
clock (system clock divided by 4) or a real time clock os-
cillator (RTC oscillator), decided by mask options. The
timer is designed to prevent a software malfunction or
sequence jumping to an unknown location with unpre-
dictable results. The Watchdog Timer can be disabled
by a mask option. If the Watchdog Timer is disabled, all
the executions related to the WDT result in no operation.
If the clock source of WDT chooses the internal WDT
oscillator, the time-out period may vary with tempera-
ture, VDD, and process variations. On the other hand,
if the clock source selects the instruction clock and the
²HALT² instruction is executed, WDT may stop count-
ing and lose its protecting purpose, and the logic can
only be restarted by external logic.
When the device operates in a noisy environment, using
the on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT can cease the system clock.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 1
O S C 2
System oscillator
O S C 3
O S C 4
3 2 7 6 8 H z
RTC oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com