Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit R-F Type Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 22Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 23Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 24Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
HT47C20
Rev. 1.60
21
July 26, 2002
Example for RC type AD converter mode (Timer A overflow):
clr tmrc
clr adcr.1
; set timer mode
clr intc1.4
; clear timer/event counter interrupt request flag
mov a, low (65536-1000)
; give timer A initial value
mov tmrbl, a
; count 1000 time and then overflow
mov a, high (65536-1000)
mov tmrbh, a
mov a, 00010010b
; RS0~CS0; set RC type ADC mode; set Timer A overflow
mov adcr,a
mov a, 00h
; give timer B initial value
mov tmrbl, a
mov a, 00h
mov tmrbh, a
mov a, 00110000b
; timer A clock source=T1 and timer on
mov tmrc, a
p10:
clr wdt
snz intcl.4
; polling timer/event counter interrupt request flag
jmp p10
clr intcl.4
; clear timer/event counter interrupt request flag
; program continue
Example for RC type AD converter mode (Timer B overflow):
clr tmrc
clr adcr.1
; set timer mode
clr intc1.4
; clear timer/event counter interrupt request flag
mov a, 00h
; give timer A initial value
mov tmrbl, a
mov a, 00h
mov tmrbh, a
mov a, 00010011b
; RS0~CS0; set RC type ADC mode; set Timer B overflow
mov adcr,a
mov a, low (65536-1000)
; give timer B initial value
mov tmrbl, a
; count 1000 time and then overflow
mov a, high (65536-1000)
mov tmrbh, a
mov a, 00110000b
; timer A clock source=T1 and timer on
mov tmrc, a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com