Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7339 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7339
Description  AUTO SHUT-OFF AC POWER SWITCH WITH PROGRAMMABLE TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7339 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7339 Datasheet HTML 1Page - LSI Computer Systems LS7339 Datasheet HTML 2Page - LSI Computer Systems LS7339 Datasheet HTML 3Page - LSI Computer Systems LS7339 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC ELECTRICAL CHARACTERISTICS:
(TA = 25°C, all voltages referenced to VDD)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Supply Voltage
VSS
+12
-
+18
V
-
Supply Current
ISS
-
1.6
2.2
mA
VSS = +15V,
Output off
Input Voltages
SYNC Lo
VIRL
0
-
VSS - 9.5
V
-
SYNC Hi
VIRH
VSS - 5.5
-
VS S
V
-
ON Lo
VIOL
0
-
VSS - 8
V
-
ON Hi
VIOH
VSS - 2
-
VSS
V
-
OFF Lo
VIVL
0
-
VSS - 8
V
-
OFF Hi
VIVH
VSS - 2
-
VSS
V
-
Input Current
SYNC, ON &
IIH
-
-
110
uA
With Series 1.5M
OFF Hi
Resistor to 115VAC
SYNC, ON &
OFF Lo
IIL
-
-
100
nA
-
TRIG Hi Voltage
VOH
-
VSS
-
V
-
TRIG Lo Voltage
VOL
-
VSS - 8
-
V
VSS = +15V
TRIG Sink Current
IOS
25
-
-
mA
VSS = +15V,
VOL = VSS - 4V
TRANSIENT CHARACTERISTICS (See Fig. 2 and 3)
(All timings are based on Fs = 60Hz, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SYNC Frequency
Fs
40
-
70
Hz
ON/OFF Sense Time
Ts1
50
-
Infinite
ms
TRIG Pulse Width
(LS7339)
Tw
-
1.0
-
ms
(LS7340)
Tw
-
33
-
µs
STATE 1 Time-out
TD1
-
255RC
-
s
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VSS - VDD
+20
V
Any input voltage
VIN
VSS - 20 to VSS + 0.5
V
Operating temperature
TA
0 to +85
°C
Storage temperature
TSTG
-65 to +150
°C
7339-012703-3
TABLE 2. COMPONENT FUNCTIONAL DESCRIPTION FOR FIGURE 5
COMPONENTS
FUNCTIONAL DESCRIPTION
Z1, D1, R1, C2, C3
DC Power Supply.
R2, C4
Current limit and filter AC for SYNC input.
C1, L1
RFI filtering for AC Mains.
C5
PLL filter capacitor.
R5
Current limiting and isolation between the IC output and Triac Gate.
R6, R7, C6
Oscillator R-C network. Potentiometer R6 required only if providing user adjustment of Time-out, TD1.
R3, R4
Pullup resistors to establish normally inactive condition of ON and OFF inputs.
S1
Momentary Double Throw Switch used to activate appropriate input.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com