Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7339 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7339
Description  AUTO SHUT-OFF AC POWER SWITCH WITH PROGRAMMABLE TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7339 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7339 Datasheet HTML 1Page - LSI Computer Systems LS7339 Datasheet HTML 2Page - LSI Computer Systems LS7339 Datasheet HTML 3Page - LSI Computer Systems LS7339 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P
AC
MAIN
S
N
LOAD
C1
T1
L1
R1
A
B
R4
C3
D1
5
6
7
8
4
3
2
1
C5
C4
TRIG
V DD
OFF
ON
V SS
OSC
CAP SYNC
+
LS7339
FIGURE 5. A TYPICAL AUTO SHUT-OFF AC POWER SWITCH
G
MT2
MT1
Z1
-
R5
C7
R8
C6
SEE
NOTE 1
SEE
NOTE 2
R7
R6
R2
R3
C2
ON
OFF
S1
-
+
NOTES:
1. Use Connection A when Neutral is not available.
Use Connection B when Neutral is available.
2. Snubber Network C7, R8 may be required for
some inductive loads.
3. See Table 2 for Component Functional Description.
7339-012703-4
115VAC
220VAC
(1)(3) R1 150
Ω, 1W
360
Ω, 2W
(2)(4) R1 82
Ω
82
Ω
R2 1.5M
Ω
1.5M
Ω
R3 100k
Ω
100k
Ω
R4 100k
Ω
100k
Ω
R5 100
Ω
100
Ω
R6 (5)(6)
(5)(6)
R7 (5)(6)
(5)(6)
R8 1.8k
Ω, 1W
1.8k
Ω, 2W
C1
0.15µF, 200V 0.15µF, 400V
(1) C2
1.0µF, 200V
0.47µF, 400V
(2) C2
0.47µF, 200V 0.22µF, 400V
(3) C2
0.33µF, 200V 0.22µF, 400V
(4) C2
0.22µF, 200V 0.1µF, 400V
(1)(2) C3
100µF
100µF
(3)(4) C3
47µF
47µF
C4
470pF
470pF
C5
0.047µF
0.047µF
C6
(6)
(6)
C7
0.1µF, 200V
0.1µF, 400V
Z1
15V, 1/2W
15V, 1/2W
D1
1N4148
1N4148
L1
100µH
200µH
(7)T1
Q4008L4
Q5004L4
(1) LS7339, Connection A
(7) Typical
(2) LS7339, Connection B
(3) LS7340, Connection A
(4) LS7340, Connection B
(5) 100k
Ω ≤ (R6 + R7) ≤10MΩ
(6) (R6 + R7)C6
≥ 5ms
All Resistors 1/4W, all Capacitors 25V
FIGURE 6. PRODUCING VERY LONG TIME-OUTS BY PULSE MODULATING THE OSCILLATOR
Oscillator
Components
R2
R1
CD4093
C1 = 0.1µF
-V
R3
C2
-
+
4
3
TRIG
VDD
VSS
OSC
5
6
2
1
8
7
OFF
ON
CAP SYNC
T1
T2
Waveform A
LS7339
T1
≈ R1 C1
T2
≈ (R1 + R2)C1
D1
T1
Period = T1 + T2
Pulse Duty Cycle = T1/Period
-V
Waveform B (Pulse Modulator)
Inverse of Pulse Duty Cycle = Period/T1 = 1 +T2/T1 = 2 + R2/R1
Waveform A
Waveform B
+V
D2
DESCRIPTION:
The Oscillator resistor is normally returned to the negative terminal of the DC Supply.
If this resistor is returned to a negative-going pulse instaed, the Oscillator R-C effectively
becomes multiplied by the inverse of the Pulse Duty Cycle because the Oscillator R-C can
chamge only while the pulse is present. (Pulse Modulation)
In Figure 6, The Oscillator R is R3, the Oscillator C is C2 and the Pulse Modulator is
Waveform B through isolation diode D2. The Multiplier, M = 2 + R2/R1 (the inverse of
the Pulse Duty Cycle).
EXAMPLE:
R3 = 5.1M
Ω, C2 = 1.0uF, Pulse Modulator = Waveform B
and desired TD1 = 8 hours = 28,800 seconds.
Since TD1 = 255 x M x R3 x C2, M calculates to be 22 for the selected
Oscillator Components. With M = 22, R2/R1 = 20. If R2 = 3M
Ω, R1 = 150kΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com