Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154N-015G-R Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 154N-015G-R
Description  Compensated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

154N-015G-R Datasheet(HTML) 2 Page - TE Connectivity Ltd

  154N-015G-R Datasheet HTML 1Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 2Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 3Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 4Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
154N
Digital Output Pressure Sensor
TE CONNECTIVITY SENSORS /// 154NC
REVA 10/2021
Page 2
SPECIFICATIONS
Unless otherwise specified, Supply Current: 1.5mA; Ambient Temperature: 25°C
PARAMETERS
≤005PSI
≥015PSI
UNITS
NOTES
MIN
TYP
MAX
MIN
TYP
MAX
Span
50
100
150
75
100
150
mV
1
Zero Pressure Output
-2.0
0
2.0
-1.0
0
1.0
mV
2
Pressure Non Linearity
1psi: -0.30 to 0.30
5psi: -0.20 to 0.20
-0.10
-
0.10
%Span
3
Pressure Hysteresis
-0.10
±0.02
0.10
-0.05
±0.02
0.05
%Span
Repeatability
-
±0.02
-
-
±0.02
-
%Span
Input Resistance
2.0
3.5
6.5
2.0
3.5
5.8
KΩ
Output Resistance
4.0
-
7.0
4.0
-
6.0
KΩ
Temperature Error
– Span
-1.0
-
1.0
-0.75
-
0.75
%Span
4
Temperature Error
– Offset
-1.0
-
1.0
15psi: -0.75 to 0.75
>15psi: -0.50 to 0.50
%Span
4
Thermal Hysteresis
– Span
-0.25
±0.05
0.25
-0.25
±0.05
0.25
%Span
4
Thermal Hysteresis
– Offset
-0.25
±0.05
0.25
-0.25
±0.05
0.25
%Span
4
Long Term Stability
– Span
-
±0.10
-
-
±0.10
-
%Span/Year
Long Term Stability
– Offset
-
±0.25
-
-
±0.10
-
%Span/Year
Supply Current
0.5
1.5
2.0
0.5
1.5
2.0
mA
5
Output Load Resistance
5
-
-
5
-
-
MΩ
6
Insulation Resistance (50VDC)
50
-
-
50
-
-
MΩ
7
Output Noise (10Hz to 1KHz)
-
1.0
-
-
1.0
-
µV p-p
Response Time (10% to 90%)
-
0.1
-
-
0.1
-
ms
Pressure Overload
1psi: 10X max
5psi: 3X max
-
-
3X
Rated
Pressure Burst
1psi: 12X max
5psi: 4X max
-
-
4X
Rated
8
Compensated Temperature
1psi: 0 to 50
5psi: 0 to 70
-20
-
85
°C
Operating Temperature
-20
-
70
-40
-
125
ºC
9
Storage Temperature
-50
-
125
-50
-
125
ºC
9
Media
– Pressure Port
Liquids and Gases compatible with 316/316L Stainless Steel
Notes
1.
For amplified output circuits, 3.012V ±1% interchangeability with gain set resistor. See application schematic.
2.
Measured at vacuum for absolute (A), ambient for gage (G).
3.
Best fit straight line.
4.
Over the compensated temperature range with respect to 25°C.
5.
Guarantees output/input ratiometricity.
6.
Load resistance to reduce measurement errors due to output loading.
7.
Between case and sensing element.
8.
The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer.
9.
Maximum temperature range for product with standard cable and connector is -20°C to +105°C.
10. Standard gage units are not recommended for vacuum applications. For vacuum applications below 1/2 atmosphere, consult factory.
11. Device Marking:
Each part shall be identified with Model Number, Pressure Range, Type, Lot Number, Serial Number and Date Code.
12. Shipping/Packaging requirements:
The stainless steel diaphragm is protected by a plastic CAP. Each unit will be packaged individually in a plastic vial with anti-static foam.
13. Direct mechanical Contact with diaphragm is prohibited. Diaphragm surface must remain free of defects (scratches, punctures, dents,
fingerprints, etc) for device to operate properly. Caution is advised when handling parts with exposed diaphragms. Use protective cap
whenever devices are not in use



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com