Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154N-015G-R Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 154N-015G-R
Description  Compensated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

154N-015G-R Datasheet(HTML) 1 Page - TE Connectivity Ltd

  154N-015G-R Datasheet HTML 1Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 2Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 3Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 4Page - TE Connectivity Ltd 154N-015G-R Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE CONNECTIVITY SENSORS /// 154NC
REVA 10/2021
Page 1
te.com
+
154N
Compensated
SPECIFICATIONS
316L SS Pressure Sensor
Temperature Compensated
0-100mV Output
Absolute and Gage
19mm diaphragm diameter
The 154N compensated is a 19 mm small profile, media compatible,
piezoresistive silicon pressure sensor packaged in a 316L stainless
steel housing. The 154N compensated is designed for O-ring
mounting and OEM applications where compatibility with corrosive
media is required.
The sensing package utilizes silicone oil to transfer pressure from
the 316L stainless steel diaphragm to the sensing element. A
ceramic substrate is attached to the package that contains laser-
trimmed resistors for temperature compensation and offset
correction. An additional laser-trimmed resistor is included which
can be used to adjust an external differential amplifier and provide
span interchangeability to within ±1%.
Please refer to the 154N uncompensated and constant voltage
datasheets for more information on different features of the 154N.
FEATURES
O-Ring mount
-40
℃to+125℃Operating
Temperature Range
Up to ±0.1% Pressure Non-Linearity
1.0% Interchangeable Span
(provided by gain set resistor)
Solid State Reliability
APPLICATIONS
Medical Instruments
Process Control
Fresh & Waste Water Measurements
Refrigeration/Compressors
Pressure Transmitters
Hydraulic Controls
CLICK HERE ›
CONNECT WITH A SPECIALIST


Similar Part No. - 154N-015G-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
154N-001G-R TEC-154N-001G-R Datasheet
241Kb / 5P
154N
154N-030 G-CT TEC-154N-030 G-CT Datasheet
241Kb / 5P
154N
REVA 10/2021
154N-030A-R TEC-154N-030A-R Datasheet
241Kb / 5P
154N
REVA 10/2021
More results

Similar Description - 154N-015G-R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
6755 VECTRON-6755 Datasheet
457Kb / 4P
TEMPERATURE COMPENSATED
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
Current-compensated Chokes
logo
Digitron Semiconductors
1N4565 DIGITRON-1N4565 Datasheet
131Kb / 3P
6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
List of Unclassifed Man...
095 ETC2-095 Datasheet
158Kb / 2P
Temperature compensated
logo
TE Connectivity Ltd
82CV TEC-82CV Datasheet
251Kb / 5P
Temperature Compensated
154NCV TEC-154NCV Datasheet
144Kb / 5P
Temperature Compensated
logo
Megawin Technology Co.,...
MG39U103AH-050 MEGAWIN-MG39U103AH-050 Datasheet
293Kb / 14P
Temperature compensated
logo
M/A-COM Technology Solu...
1N4565-1 MA-COM-1N4565-1 Datasheet
731Kb / 5P
Temperature Compensated
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
Internally Compensated
logo
ARTSCHIP ELECTRONICS CO...
LM158 ARTSCHIP-LM158 Datasheet
252Kb / 16P
Frequency - Compensated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com