Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL34FSK Datasheet(PDF) 4 Page - APEM

Part # KL34FSK
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

KL34FSK Datasheet(HTML) 4 Page - APEM

  KL34FSK Datasheet HTML 1Page - APEM KL34FSK Datasheet HTML 2Page - APEM KL34FSK Datasheet HTML 3Page - APEM KL34FSK Datasheet HTML 4Page - APEM KL34FSK Datasheet HTML 5Page - APEM KL34FSK Datasheet HTML 6Page - APEM KL34FSK Datasheet HTML 7Page - APEM KL34FSK Datasheet HTML 8Page - APEM KL34FSK Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
To order a complete product, fill in all the boxes of the following order guide.
BUILD YOUR PART NUMBER
NOTICE : please note that not all combinations of above numbers are available. Refer to following pages for further information.
KL series
Locking power rocker switches
ACTUATOR
TYPE
1
For non-
illuminated
application
2
For
illuminated
application
MARKING COLOR
Illuminated models
Blank White
Non-illuminated
1
Blue
2
Black
3
Green
4
Grey
5
Yellow
6
Red
7
White
9
Orange
Area A
Area B
CKLMA1-A
CKLMA2-A
FICHIER: CKLMA-P3
le 18/03/08
ECHELLE: 0.625
indice A
3
2
1
6
5
4
OFF
ON
4
5
6
1
2
3
A
B
SYMBOLS
Symbols & Accessories : see end of the series.
CASE + LEDS
SERIES
KL
3 Single pole
4 Double pole
POLES
See following pages.
WIRING
Side B
SEALING
X No
K IP68
Z IP69K
CONTACTS
A Silver
D Gold
plated
S Silver
20 A***
X None
A LED 6 V red
B LED 6 V green
C LED 6 V yellow
M LED 6 V blue
R LED 6 V white
D LED 12 V red
E LED 12 V green
LEDS
F LED 12 V yellow
N LED 12 V blue
S LED 12 V white
J LED 24 V red
K LED 24 V green
L LED 24 V yellow
P LED 24 V blue
T LED 24 V white
etc.
*** S contacts for all functions except 5
and 4-1R - for normalized quick-connect
terminals 6.35x0.8 only.
UNLOCKING ACTUATOR COLOR
1 Blue
1/4 Dark blue
2 Black
3 Green
4 Grey
5 Yellow
6 Red
7 Ivory
9 Orange
Elastomer
Y Yellow
R Red
G Green
Hard plastic (ABS)
ROCKER COLOR
1 Blue
1/4 Dark blue
2 Black
6 Red
7 Ivory
9 Orange
3 Green
4 Grey
5 Yellow
MARKING ORIENTATION
CKLMA1-A
CKLMA2-A
FICHIER: CKLMA-P3
le 18/03/08
ECHELLE: 0.625
indice A
3
2
1
6
5
4
OFF
ON
4
5
6
1
2
3
A
B
ELECTRICAL FUNCTIONS
1
ON
-
OFF
4
ON
ON
ON
4-1R ON
ON
MOM
5
MOM
-
ON
6
ON
-
ON
7
MOM OFF
MOM
8
ON
OFF
MOM
9
ON
OFF
ON
Function 1 only for 6-terminal versions.
Functions 5 and 6 cannot be
combined with “H” wiring.
TERMINALS
Screw
0 6 terminals with barrier
Normalized quick-connect
6.35x0.8
3 6 terminals with barrier
5 6 terminals w/o barrier
D 10 term. with barrier
E 10 term. w/o barrier
F
10 term. for use with
connector U2292 or
U3152
Normalized quick-connect
2.8x0.8
G 10 term. with barrier
H 10 term. w/o barrier
J 10 terminals for use
with connector U2282
Solder lug/quick-connect
2 6 terminals with barrier
4 6 terminals w/o barrier
A 10 term. with barrier
B 10 term. w/o barrier
C 10 terminals for use
with connector U2292
N
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com